Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL051CP Datasheet(PDF) 22 Page - STMicroelectronics

Part # TL051CP
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL051CP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TL051CP Datasheet HTML 18Page - STMicroelectronics TL051CP Datasheet HTML 19Page - STMicroelectronics TL051CP Datasheet HTML 20Page - STMicroelectronics TL051CP Datasheet HTML 21Page - STMicroelectronics TL051CP Datasheet HTML 22Page - STMicroelectronics TL051CP Datasheet HTML 23Page - STMicroelectronics TL051CP Datasheet HTML 24Page - STMicroelectronics TL051CP Datasheet HTML 25Page - STMicroelectronics TL051CP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
–75
–20
TA – Free-Air Temperature – °C
–15
–10
–5
0
5
10
15
20
–50
–25
0
25
50
75
100
125
COMMON-MODE
INPUT VOLTAGE RANGE LIMITS†
vs
FREE-AIR TEMPERATURE
VCC
± = ±15 V
Positive Limit
Negative Limit
Figure 19
–200
–5
–4
–3
–2
–1
0
1
2
3
4
5
–100
0
100
200
TA = 25°C
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
VID – Differential Input Voltage – µV
RL = 600 Ω
RL = 1 kΩ
RL = 10 kΩ
RL = 2 kΩ
VCC
± = ±5 V
Figure 20
–400
–15
VID – Differential Input Voltage – µV
–10
–5
0
5
10
15
–200
0
200
400
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
RL = 600 Ω
RL = 1 kΩ
RL = 2 kΩ
RL = 10 kΩ
VCC
± = ±15 V
TA = 25°C
Figure 21
0
–8
|VCC
±| – Supply Voltage – V
–4
0
4
8
12
16
2
4
6
8
10
12
14
16
TA = 25°C
VOM+
RL = 10 kΩ
RL = 2 kΩ
VOM–
RL = 2 kΩ
RL = 10 kΩ
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
–12
–16
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com