Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL051CP Datasheet(PDF) 20 Page - STMicroelectronics

Part # TL051CP
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL051CP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TL051CP Datasheet HTML 16Page - STMicroelectronics TL051CP Datasheet HTML 17Page - STMicroelectronics TL051CP Datasheet HTML 18Page - STMicroelectronics TL051CP Datasheet HTML 19Page - STMicroelectronics TL051CP Datasheet HTML 20Page - STMicroelectronics TL051CP Datasheet HTML 21Page - STMicroelectronics TL051CP Datasheet HTML 22Page - STMicroelectronics TL051CP Datasheet HTML 23Page - STMicroelectronics TL051CP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
DISTRIBUTION OF TL054
INPUT OFFSET VOLTAGE
15
–4
0
VIO – Input Offset Voltage – mV
5
25
30
–20
1
3
–3
–12
4
VCC
± = ±15 V
TA = 25°C
N Package
20
10
1140 Amplifiers Tested From 3 Wafer Lots
Figure 11
DISTRIBUTION OF TL054A
INPUT OFFSET VOLTAGE
15
12
9
6
3
1.8
1.2
0.6
0
–0.6
–1.2
VIO – Input Offset Voltage – mV
0
–1.8
1048 Amplifiers Tested From 3 Wafer Lots
VCC
± = ±15 V
TA = 25°C
N Package
Figure 12
DISTRIBUTION OF TL051
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
–25
0
– Temperature Coefficient –
µV/°C
4
8
12
16
20
–20 –15 –10
–5
0
5
101520
25
120 Units Tested From 2 Wafer Lots
VCC
± = ±15 V
TA = 25°C to 125°C
P Package
a
V
IO
0
– Temperature Coefficient –
µV/°C
20
30
5
10
15
20
10
0
–10
–20
–30
DISTRIBUTION OF TL052
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
172 Amplifiers Tested From 2 Wafer Lots
VCC
± = ±15 V
TA = 25°C to 125°C
P Package
Outlier: One Unit at –34.6
µV/°C
Figure 13
a
V
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com