Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL051CP Datasheet(PDF) 47 Page - STMicroelectronics

Part # TL051CP
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL051CP Datasheet(HTML) 47 Page - STMicroelectronics

Back Button TL051CP Datasheet HTML 43Page - STMicroelectronics TL051CP Datasheet HTML 44Page - STMicroelectronics TL051CP Datasheet HTML 45Page - STMicroelectronics TL051CP Datasheet HTML 46Page - STMicroelectronics TL051CP Datasheet HTML 47Page - STMicroelectronics TL051CP Datasheet HTML 48Page - STMicroelectronics TL051CP Datasheet HTML 49Page - STMicroelectronics TL051CP Datasheet HTML 50Page - STMicroelectronics TL051CP Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
U1A
U3A
U3B
U3C
U3D
U1B
U1C
U1D
U2A
U2B
U2C
U2D
VA
VB
VO
R1
20 k
Ω
R8
20 k
Ω
R2
10 k
Ω
R9
10 k
Ω
D1
D2
R3
30 k
Ω
R10
30 k
Ω
R4
10 k
Ω
R5
10 k
Ω
R6
10 k
Ω
R7
10 k
Ω
2N2484
Q1
Q2
R16
16.3 k
Ω
R18
10 k
Ω
R20
10 k
Ω
R11
10 k
Ω
R12
10 k
Ω
R13
10 k
Ω
2N2484
R14
10 k
Ω
R76
16.3 k
Ω
R19
10 k
Ω
R21
10 k
Ω
C1
15 V
–15 V
82 k
Ω
1 k
Ω
82 k
Ω
NOTE A: U1A through U3D = TL05xA, VCC
± = ±15 V. D1 and D2 = 1N914.
Figure 90. Voltage Ratio-to-dB Converter
01
2
3
45
6
78
9
10
–2
–1
0
1
2
Ratio – VA/VB
Figure 91. Output Voltage vs the Ratio of the Input Voltages for Voltage-to-dB Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com