Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL051CP Datasheet(PDF) 39 Page - STMicroelectronics

Part # TL051CP
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL051CP Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TL051CP Datasheet HTML 35Page - STMicroelectronics TL051CP Datasheet HTML 36Page - STMicroelectronics TL051CP Datasheet HTML 37Page - STMicroelectronics TL051CP Datasheet HTML 38Page - STMicroelectronics TL051CP Datasheet HTML 39Page - STMicroelectronics TL051CP Datasheet HTML 40Page - STMicroelectronics TL051CP Datasheet HTML 41Page - STMicroelectronics TL051CP Datasheet HTML 42Page - STMicroelectronics TL051CP Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
output characteristics
All operating characteristics (except bandwidth and phase margin) are specified with 100-pF load capacitance.
The TL05x and TL05xA drive higher capacitive loads; however, as the load capacitance increases, the resulting
response pole occurs at lower frequencies, causing ringing, peaking, or even oscillation. The value of the load
capacitance at which oscillation occurs varies with production lots. If an application appears to be sensitive to
oscillation due to load capacitance, adding a small resistance in series with the load should alleviate the
problem. Capacitive loads of 1000 pF, and larger, may be driven if enough resistance is added in series with
the output (see Figure 81 and Figure 82).
(a) CL = 100 pF, R = 0
(b) CL = 300 pF, R = 0
(c) CL = 350 pF, R = 0
(d) CL = 1000 pF, R = 0
(e) CL = 1000 pF, R = 50 Ω
(f) CL = 1000 pF, R = 2 kΩ
Figure 81. Effect of Capacitive Loads
5 V
–5 V
15 V
–15 V
CL
(see Note A)
2 k
Ω
VO
R
NOTE A: CL includes fixture capacitance.
Figure 82. Test Circuit for Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com