Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL051CP Datasheet(PDF) 42 Page - STMicroelectronics

Part # TL051CP
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL051CP Datasheet(HTML) 42 Page - STMicroelectronics

Back Button TL051CP Datasheet HTML 38Page - STMicroelectronics TL051CP Datasheet HTML 39Page - STMicroelectronics TL051CP Datasheet HTML 40Page - STMicroelectronics TL051CP Datasheet HTML 41Page - STMicroelectronics TL051CP Datasheet HTML 42Page - STMicroelectronics TL051CP Datasheet HTML 43Page - STMicroelectronics TL051CP Datasheet HTML 44Page - STMicroelectronics TL051CP Datasheet HTML 45Page - STMicroelectronics TL051CP Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
precision constant-current source over temperature
A precision current source (see Figure 85) benefits from the high input impedance and stability of Texas
Instruments enhanced-JFET process. A low-current shunt regulator maintains 2.5 V between the inverting input
and the output of the TL05x. The negative feedback then forces 2.5 V across the current-setting resistor R;
therefore, the current to the load simply is 2.5 V divided by R.
Possible choices for the shunt regulator include the LT1004, LT1009, and LM385. If the regulator’s cathode
connects to the operational amplifier output, this circuit sources load current. Similarly, if the cathode connects
to the inverting input, the circuit sinks current from the load. To minimize output current change with temperature,
R should be a metal film resistor with a low temperature coefficient. Also, this circuit must be operated with
split-voltage supplies.
150 pF
U2
+15 V
U1
–15 V
R
100 k
Ω
IO
Load
V = 0 to 10 V
(a) SOURCE CURRENT LOAD
(b) SINK CURRENT LOAD
V = 0 to –10 V
Load
II
R
–15 V
U1
+15 V
150 pF
U2
100 k
Ω
NOTE A: U1 = 1/2 TL05x
U2 = LM385, LT1004, or LT1009 voltage reference
I =
2.5 V
R
, R = Low-temperature-coefficient metal-film resistor
Figure 85. Precision Constant-Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com