Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3180-RAN+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
_______________________________________________________________________________________
7
Detailed Description
Operating Modes
The MAXQ3180 has four basic modes of operation,
each of which is described in the following sections.
The Initialization Mode is the default mode upon power-
up or following reset; entry to and exit from the other
operating modes is only performed as a result of com-
mands sent by the master.
Initialization Mode
This is the default operating mode for the MAXQ3180
following reset, power-up, or a switch into or out of Low-
Power Measurement Mode (LPMM). In this mode, no
power measurements are taken because the
MAXQ3180 has not yet been configured. When entering
this mode, the MAXQ3180 sets the status flag NOINIT to
1 and drives the IRQ pin low to indicate to the master
that initialization is required. The master is responsible
for performing the following series of operations:
• Interrogating the MAXQ3180 to determine that the
NOINIT bit has been set.
• Loading all RAM configuration registers with appro-
priate values.
• Clearing the NOINIT bit to zero.
Once the NOINIT bit has been cleared to zero, the
MAXQ3180 exits Initialization Mode and enters Run
Mode (or LPMM mode if LOWPM = 1). It is the master’s
responsibility to ensure that all configuration registers
have been set to their correct values before clearing
the NOINIT bit.
Run Mode
This mode is the normal operating mode for the
MAXQ3180. In this mode, the MAXQ3180 continuously
executes the following operations:
• Scans analog front-end channels and collects raw
voltage and current samples.
• Processes voltage and current samples through DSP
filters as enabled and configured.
• Calculates power, energy, and other required quanti-
ties and stores these values in RAM registers.
• Responds to register write and read commands from
the master.
• Outputs power pulses on CFP and CFQ as configured.
• Drives IRQ when an interrupt condition has been
detected and the interrupt is not masked.
Low-Power Measurement Mode (LPMM)
This mode allows the MAXQ3180 to perform all normal
electric-metering functions while operating at a
reduced clock rate to conserve power. In this mode,
the MAXQ3180 switches its system clock from the high-
frequency external crystal (or external clock source) to
its internal RC oscillator. The actual system clock fre-
quency used is the RC oscillator output frequency
divided by 8, which results in a system clock frequency
of approximately 1MHz.
Entry to LPMM Mode only occurs at the request of the
master. The master must set the LOWPM bit (STATUS.2)
to 1 to place the MAXQ3180 into LPMM mode. Setting
this bit automatically sets the NOINIT bit and returns
the device to Initialization Mode. This is done because
changing the clock frequency invalidates a number of
configuration registers, which need to be reinitialized
with new, updated values before metering-measure-
ment operations can continue. Note that it is also possi-
ble to set LOWPM = 1 (and load configuration registers
appropriately) immediately following reset, which caus-
es the MAXQ3180 to transition directly from Initialization
Mode to LPMM Mode once NOINIT has been cleared
by the master.
The master can also instruct the MAXQ3180 to exit
LPMM Mode by clearing the LOWPM bit. This causes
NOINIT to be set as with LPMM entry, and the master
must reset the appropriate configuration registers and
clear NOINIT to allow measurement to continue.
Stop Mode
This mode places the MAXQ3180 into a power-saving
state where it consumes the least possible amount of
current. In Stop Mode, all functions are suspended,
including the ADC and power and voltage measurement
and processing. The MAXQ3180 does not respond to
any commands from the master in this operating state.
Entry into Stop Mode only occurs at the request of the
master. To place the MAXQ3180 into Stop Mode, the
master must set the STOPM bit (STATUS.1) to 1. Once
this bit has been written, the MAXQ3180 enters Stop
Mode immediately following the end of the register
write command (after the transmission of the final ACK
byte by the MAXQ3180).
There are three possible ways to bring the MAXQ3180
back out of Stop Mode.
• Power Cycle. The MAXQ3180 automatically exits
Stop Mode if a power-on reset occurs. Following exit
from Stop Mode, all registers are cleared back to
their default states, and the MAXQ3180 transitions to
Initialization Mode.
• External Reset. The MAXQ3180 exits Stop Mode if
an external reset is triggered by driving RESET low.
Once the RESET pin is released and allowed to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com