| Electronic Components Datasheet Search |
|
MAXQ3180-RAN+ Datasheet(PDF) 46 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ Datasheet(HTML) 46 Page - Maxim Integrated Products |
|
46 / 48 page ![]() c) Calculate pair of coordinates (x1,y1): x1 = (ln(I1_raw/216) - 6.0625)/16 y1 = (-PAerr1) x 216 3) Repeat the phase angle error measurement across the range. Repeat steps 2a to 2c using other input currents across the range. It is recommended to spread input current points uniformly in logarithmic scale, resulting in a set of point coordinates: (x1,y1), (x2,y2), . . . (xN,yN) The number of points N is not limited. 4) Calculate the coefficients (PA_n) of best fit polyno- mial curve. The calculation recipe depends on the order of polynomial. a) For zero-order curve (requires at least one point): PA_0 = average(y1,y2, . . . yN) PA_1 = PA_2 = PA_3 = 0 5) For first-order curve (requires at least two points): PA_1 = { ∑ (xi-x_avg)(yi-y_avg)}/{∑ (xi-x_avg)2} PA_0 = y_avg - PA_1 x x_avg PA_2 = PA_3 = 0 where x_avg = average (x1,x2, . . . xN), y_avg = average (y1,y2, . . . yN) These two cases cover the majority of practical situa- tions. For higher order curves, the formulas are more complex, and the calculations can be performed using built-in functions of Microsoft Excel® or MATLAB® from The MathWorks, Inc. Note that all intermediate calculations should be per- formed with double precision, the last result rounded to the nearest integer. Also note that PA_n are 16-bit signed coefficients. If the calculated value exceeds 16 bits, the phase angle cannot be calibrated. In this case, assign the largest possible value, i.e., 0x7FFF for posi- tive overflow or 0x8000 for negative overflow. Application Information Grounds and Bypassing Careful PCB layout significantly minimizes noise on the analog inputs, resulting in less noise on the digital I/O that could cause improper operation. The use of multi- layer boards is essential to allow the use of dedicated power planes. The area under any digital components should be a continuous ground plane if possible. Keep any bypass capacitor leads short for best noise rejec- tion and place the capacitors as close to the leads of the devices as possible. The MAXQ3180 must have separate ground areas for the analog (AGND) and digital (DGND) portions, con- nected together at a single point. CMOS design guidelines for any semiconductor require that no pin be taken above DVDD or below DGND. Violation of this guideline can result in a hard failure (damage to the silicon inside the device) or a soft fail- ure (unintentional modification of memory contents). Voltage spikes above or below the device’s absolute maximum ratings can potentially cause a devastating IC latchup. Microcontrollers commonly experience negative volt- age spikes through either their power pins or general- purpose I/O pins. Negative voltage spikes on power pins are especially problematic as they directly couple to the internal power buses. Devices such as keypads can conduct electrostatic discharges directly into the microcontroller and seriously damage the device. System designers must protect components against these transients that can corrupt system memory. Specific Design Considerations for MAXQ3180-Based Systems To reduce the possibility of coupling noise into the microcontroller, the system should be designed with a crystal or oscillator in a metal case that is grounded to the digital plane. Doing so reduces the susceptibility of the design to fast transient noise. Because the MAXQ3180 is designed for use in systems where high voltages are present, care must be taken to route all signal paths, both analog and digital, as far away as possible from the high-voltage components. It is possible to construct more elaborate metering designs using multiple MAXQ3180 devices. This can be accomplished by using a single SPI bus to connect all the MAXQ3180 devices together but using separate slave select lines to individually select each MAXQ3180. Additional Documentation Designers must ensure they have the latest MAXQ3180 errata documents. Errata sheets contain deviations from published specifications. A MAXQ3180 errata sheet for any specific device revision is available at www.maxim-ic.com/errata. Low-Power, Multifunction, Polyphase AFE 46 ______________________________________________________________________________________ Microsoft Excel is a registered trademark of Microsoft Corp. MATLAB is a registered trademark of The MathWorks, Inc. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |