Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3180-RAN+ Datasheet(PDF) 38 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 38 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 41Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 42Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
programmed to enable and configure this feature. If the
measured E_VA value for a phase (A, B, or C) falls
below the NOLOAD threshold, the energy accumula-
tors for this phase are not incremented. Setting
NOLOAD = 0 disables this feature.
Energy Pulse Output
The two pulse output pins, CFP and CFQ, have associ-
ated accumulators PLS1, PLS2 and configurable
thresholds THR1, THR2. The MAXQ3180 issues a pulse
on the output pin when the pulse accumulator exceeds
the threshold level (e.g., PLS1 > THR1), then continues
accumulation from the level PLS1 = PLS1 - THR1.
Each pulse output accumulator can be configured to
include energy accumulators E1, E2, or E3 (typically
corresponding to phase A, B, C) as independent terms,
and to output various quantities, by setting the PLSCFG
register:
PLSCFG = (qqqqqmmm ppppppnnn) binary
Bits [2:0] (nnn) and [10:8] (mmm) specify which
phase(s) are included in the pulse output.
Bits [7:3] (ppppp) specify the quantity that is directed
into the pulse 1 output; bits [15:11] (qqqqq) specify the
quantity that is directed into the pulse 2 output.
Both PLS1 and PLS2 accumulators accumulate only
absolute values of selected quantity. If the selected
pulse-output quantity changes sign, the PLS1 or PLS2
accumulator is cleared and starts accumulation over.
The REV_P (reverse power) bit is set in the STATUS2
register if the PLS1 input stays negative for REV_TIMO
consecutive line cycles; the bit is cleared when the
PLS1 input stays positive for REV_TIMO consecutive
line cycles. Additionally, the direction change DCH_P
status bit is set whenever the direction bit REV_P
changes its state. The DCH_P bit causes an interrupt
request to the master if enabled (unmasked).
Similarly, the REV_Q bit is set in the STATUS2 register if the
PLS2 input stays negative for REV_TIMO consecutive line
cycles; the bit is cleared when the PLS2 input stays posi-
tive for REV_TIMO consecutive line cycles. Additionally,
the DCH_Q status bit is set whenever the direction bit
REV_Q changes its state. The DCH_Q bit causes an inter-
rupt request to the master if enabled (unmasked).
Low-Power, Multifunction, Polyphase AFE
38
______________________________________________________________________________________
Table 9. Pulse Output Configuration
nnn BITS
PLS1 INCLUDE
mmm BITS
PLS2 INCLUDE
000
0
000
0
001
E1
001
E1
010
E2
010
E2
011
E1 + E2
011
E1 + E2
100
E3
100
E3
101
E1 + E3
101
E1 + E3
110
E2 + E3
110
E2 + E3
111
E1 + E2 + E3
111
E1 + E2 + E3
Table 10. Pulse Output Quantity Selection
ppppp OR qqqqq
ACCUMULATED VALUE
DESCRIPTION
00000
AP - AN
True active energy (may be negative)
00001
AP + AN
Absolute active energy
00010
R1 + R2 - R3 - R4
True reactive energy (may be negative)
00011
R1 + R2 + R3 + R4
Absolute reactive energy
00100
VA
Apparent energy
00101
IH
Amp-hours
00110
IRMS
IRMS (for calibration purposes)
00111
VRMS
VRMS (for calibration purposes)
01000
AP
Active positive energy
01001
AN
Active negative energy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com