Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3180-RAN+ Datasheet(PDF) 36 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 36 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 40Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Highpass Filter (HPF)
A simple first-order highpass filter (HPF) is used.The fil-
ter formula is:
Yn = (1 - hpf_b0f/216) x (Yn-1 + Xn - Xn-1)
The filter coefficient (hpf_b0f) is a signed 16-bit value
and can be configured by the master.
Integrator
The digital integrator block can be engaged separately
for each current phase (IA, IB, IC) and for neutral cur-
rent (IN) by setting configuration bits INTGA, INTGB,
INTGC, and INTGN in the CONNCT register. When
enabled, the digital integrator block calculates the inte-
gral of the input current signal (i.e., sum of samples)
and then feeds this integral into the processing path
instead of the current sample. This sum can produce a
DC offset that must be removed by an additional HPF
stage. The HPF can be combined with the integrator in
a single formula:
Yn = (1 - hpf_b0f/216) x (Yn-1 + Xn)
where hpf_b0f is the same coefficient used in the
stand-alone HPF stage. The integrator increases the
amplitude of accumulation by approximately (NS/2
π),
where NS is the number of samples per line cycle (fac-
tor approximately 16 for 50Hz signal and 200μs sam-
pling rate). The output of the integrator is scaled down
by factor 16 in the MAXQ3180.
The HPF, when combined with the digital integrator,
introduces an additional phase shift into the current
channel. To compensate for this, the second HPF stage
is automatically engaged in the voltage processing
path when the current integrator is active.
Fundamental and Harmonics Modes
The power calculation engine can work in one of three
modes: full, fundamental, and harmonics. The mode of
operation is selected by the HRM configuration bits.
• HRM = 00b—Full mode. Neither the bandpass or the
bandstop filters are applied.
• HRM = 01b—Fundamental mode. The voltage chan-
nel signal is put through the bandpass filter (BPF).
This BPF is centered on the fundamental frequency,
so only fundamental power is measured.
• HRM = 10b—Harmonics mode. The voltage channel
signal is put through the bandstop filter (BSF). That
BSF is centered on the fundamental frequency, so
fundamental power is removed and only harmonics
power is measured.
Both filters, the BPF and BSF, are second-order filters and
use the same set of coefficients. The filter formulas are:
BPF:
Yn = 2Yn-1 - Yn-2 + (bpf_b0f/220) x (2Yn-2 + Xn - Xn-2) -
(bpf_a1f/220) x Yn-1
BSF:
Yn = 2Yn-1 - Yn-2 + Xn - 2Xn-1 - Xn-2 + (bpf_b0f/220) x
(2Yn-2 - Xn - Xn-2) + (bpf_a1f/220) x (Xn-1 - Yn-1)
Low-Power, Multifunction, Polyphase AFE
36
______________________________________________________________________________________
INTEGRATOR
+ HPF
PHASE ANGLE COMPENSATION
GAIN, OFFSET, AND
LINEARITY CALIBRATION
SI2
I2_RMS
V2_RMS
P.V2
ACTIVE
REACTIVE
HPF
HPF
I
SV2
S
HPF
V
BPF
BSF
P.R
P.A
P.I2
Figure 8. DSP Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com