Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3180-RAN+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Reset Sources
There are several different sources that can cause the
MAXQ3180 to undergo a reset cycle. For any type of
hardware reset, the RESET pin is driven low when a
reset occurs.
External Reset
This hardware reset is initiated by an external source
(such as the master controller or a manual pushbutton
press) driving the RESET pin on the MAXQ3180 low.
The RESET line must be held low for at least four cycles
of the currently selected clock for the external reset to
take effect. Once the external reset takes effect, it
remains in effect indefinitely as long as RESET is held
low. Once the external reset has been released, the
MAXQ3180 clears all registers to their default states
and resumes execution in Initialization Mode.
When an external reset occurs outside of Stop Mode,
execution (in Initialization Mode) resumes after four
cycles of the currently selected clock (external high-fre-
quency crystal for Run Mode, 1MHz internal RC oscilla-
tor for LPMM Mode). As the MAXQ3180 enters
Initialization Mode, the LOWPM bit is always cleared to
0, meaning that the MAXQ3180 always switches to the
high-frequency clock before it begins accepting com-
mands in Initialization Mode.
When an external reset occurs from Stop Mode, execu-
tion (in Initialization Mode) resumes after 128 cycles of
the internal RC oscillator (or approximately 128μs).
Power-On Reset
When the MAXQ3180 is first powered up, or when the
power supply, DVDD, drops below the VRST power-fail
trip point (outside of Stop Mode), the MAXQ3180 is
held in power-on reset. Once the power supply rises
above the VRST level, the power-on reset state is
released and all registers are reset to their defaults and
execution resumes in Initialization Mode. The high-fre-
quency external crystal (LOWPM = 0) is always select-
ed as the clock source following any power-on or
brownout reset.
In Stop Mode brownout detection is disabled, so a
power-on reset does not occur until DVDD drops to a
lower level (VPOR). From the master’s perspective,
power-on resets and brownout resets both cause the
MAXQ3180 to reset in the same way.
Watchdog Reset
The MAXQ3180 includes a hardware watchdog timer that
is armed and periodically reset automatically during nor-
mal operation. Under normal circumstances, the
MAXQ3180 always resets the watchdog timer often
enough to prevent it from expiring. However, if an internal
Low-Power, Multifunction, Polyphase AFE
_______________________________________________________________________________________
9
CLOCK
RESET
RESET
SAMPLING
INTERNAL
RESET
BEGIN RUNNING IN INITIALIZATION MODE
Figure 2. External Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com