Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L01 Datasheet(PDF) 1 Page - Pycom

Part # L01
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

L01 Datasheet(HTML) 1 Page - Pycom

  L01 Datasheet HTML 1Page - Pycom L01 Datasheet HTML 2Page - Pycom L01 Datasheet HTML 3Page - Pycom L01 Datasheet HTML 4Page - Pycom L01 Datasheet HTML 5Page - Pycom L01 Datasheet HTML 6Page - Pycom L01 Datasheet HTML 7Page - Pycom L01 Datasheet HTML 8Page - Pycom L01 Datasheet HTML 9Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
01
1.0
Overview
With LoRa, Wifi and BLE, the L01 OEM Module is the only
triple bearer MicroPython enabled micro controller on the
market today – the perfect enterprise grade IoT platform
for your connected Things. With the latest Espressif
chipset the L01 offers a perfect combination of power,
friendliness and flexibility. Create and connect your things
everywhere. Fast.
2.0
Features
– Powerful CPU, BLE and state of the art WiFi radio. 1KM
Wifi Range
– Can also double up as a Nano LoRa gateway
– MicroPython enabled
– Can be directly surface mount inside your product like
a regular component
– Ultra–low power usage: a fraction compared to other
connected micro controllers
Size
40mm x 16mm x 2.7mm
Operating temperature
–40 to +85 °C
8MB flash
memory
ESP32 Dual Core
Microcontroller and
WiFi/Bluetooth 4.2 radio
LoRa transceiver


Similar Part No. - L01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L01-6300 ETC2-L01-6300 Datasheet
2Mb / 2P
Input Voltage
L01-6301 ETC2-L01-6301 Datasheet
2Mb / 2P
Input Voltage
L01-6302 ETC2-L01-6302 Datasheet
2Mb / 2P
Input Voltage
L01-6303 ETC2-L01-6303 Datasheet
2Mb / 2P
Input Voltage
L01-6304 ETC2-L01-6304 Datasheet
2Mb / 2P
Input Voltage
More results

Similar Description - L01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10D1X00 NSC-ADC10D1X00 Datasheet
150Kb / 4P
The only difference on the pin-out between
logo
STMicroelectronics
STL40N10F7 STMICROELECTRONICS-STL40N10F7 Datasheet
851Kb / 15P
Among the lowest RDS on the market
18-Dec-2015
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
The Smallest Dimension in the Market
logo
Ohmite Mfg. Co.
RES-2010SMD OHMITE-RES-2010SMD Datasheet
304Kb / 2P
Smallest wirewound on the market
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
One of the smallest in-duct CO2 transmitters on the market
logo
RF Monolithics, Inc
DM1810-434-XK RFM-DM1810-434-XK Datasheet
95Kb / 1P
ETSI-certified for the European market
logo
Microsemi Corporation
PD-3504G MICROSEMI-PD-3504G Datasheet
817Kb / 2P
Compact 4-port Gigabit Midspan for the enterprise market
logo
Advantech Co., Ltd.
ESRP-ACT-UNO2484 ADVANTECH-ESRP-ACT-UNO2484 Datasheet
1,001Kb / 2P
Enterprise IoT Network Platform
logo
Multi-Tech Systems, Inc...
86002198 MULTITECH-86002198 Datasheet
730Kb / 4P
Programmable Gateway for the Internet of Things
2022-02
86002217 MULTITECH-86002217 Datasheet
720Kb / 4P
Programmable Gateway for the Internet of Things
2022-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com