Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L01 Datasheet(PDF) 10 Page - Pycom

Part # L01
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

L01 Datasheet(HTML) 10 Page - Pycom

Back Button L01 Datasheet HTML 6Page - Pycom L01 Datasheet HTML 7Page - Pycom L01 Datasheet HTML 8Page - Pycom L01 Datasheet HTML 9Page - Pycom L01 Datasheet HTML 10Page - Pycom L01 Datasheet HTML 11Page - Pycom L01 Datasheet HTML 12Page - Pycom L01 Datasheet HTML 13Page - Pycom L01 Datasheet HTML 14Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
11.0 Memory Map
11.1
Flash
11.2
RAM
11.3
ROM and eFuses
Table 5 – Flash memory map
Table 6 – RAM memory map
Table 7 – Miscellaneous memory
Name
Description
Start address
Size
NVS
Non–volatile RAM area. Used by the NVS API
0x9000
0x7000
Firmware Slot 0
First firmware slot. Factory firmware is flashed here
0x10000
0x180000
OTA info
Information about the current active firmware
0x190000
0x1000
Firmware Slot 1
Second firmware slot
0x1A0000
0x180000
File system (1)
504KB file system on devices with 4MB flash
0x380000
0x7F000
Config
Config area for LoRa, Sigfox and LTE
0x3FF000
0x1000
File system (2)
4MB file system on devices with 8MB flash
0x400000
0x400000
Name
Description
Size
On–chip SRAM
Internal RAM memory used by the 2 xtensa CPUs
520KB
Fast RTC RAM
Fast RAM area accessible by the xtensa cores during
boot and sleep modes
8KB
Slow RTC RAM
Slow RAM area accessible by the Ultra–Low Power
Coprocessor during deep sleep
8KB
External pSRAM
External QSPI RAM memory clocked @ 40MHz
4MB
Name
Description
Size
On–chip ROM
Contains core functions and boot code.
448KB
eFuse
256 bits are used for the system (MAC address and
chip configuration) and the remaining 768 bits are
reserved for customer applications, including Flash–
Encryption and Chip–ID
1kbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com