Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L01 Datasheet(PDF) 11 Page - Pycom

Part # L01
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

L01 Datasheet(HTML) 11 Page - Pycom

Back Button L01 Datasheet HTML 7Page - Pycom L01 Datasheet HTML 8Page - Pycom L01 Datasheet HTML 9Page - Pycom L01 Datasheet HTML 10Page - Pycom L01 Datasheet HTML 11Page - Pycom L01 Datasheet HTML 12Page - Pycom L01 Datasheet HTML 13Page - Pycom L01 Datasheet HTML 14Page - Pycom L01 Datasheet HTML 15Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
12.0 WiFi
12.1
Supported features
– 802.11 b/g/n/e/i
– 802.11 n (2.4 GHz), up to 150 Mbps
– 802.11 e: QoS for wireless multimedia technology
– WMM–PS, UAPSD
– A–MPDU and A–MSDU aggregation
– Block ACK
– Fragmentation and defragmentation
– Automatic Beacon monitoring/scanning
– 802.11i security features: pre–authentication and TSN
– Wi–Fi Protected Access (WPA/WPA2/WPA2–
Enterprise/Wi–Fi Protected Setup (WPS)
– Infrastructure BSS Station mode/SoftAP mode
– Wi–Fi Direct (P2P), P2P Discovery, P2P Group Owner
mode and P2P Power Management
12.2
Specifications
Table 8 – WiFi specifications
Description
Min
Typ.
Max
Unit
Input Frequency
2412
–
2484
MHz
Tx power Output power of PA for 72.2
Mbps
13
14
15
dBm
Output power of PA for 11b mode
19.5
20
20.5
dBm
Sensitivity
DSSS, 1Mbps
–
–
98
dBm
CCK, 11 Mbps
–
–
91
dBm
OFDM, 6 Mbps
–
–
93
dBm
OFDM, 54 Mbps
–
–
75
dBm
HT20, MCS0
–
–
93
dBm
HT20, MCS7
–
–
73
dBm
HT40, MCS0
–
–
90
dBm
HT40, MCS7
–
–
70
dBm
MCS32
–
–
89
dBm
Adjacent channel rejection
OFDM, 6 Mbps
–
37
–
dB
OFDM, 54 Mbps
–
21
–
dB
HT20, MCS0
–
37
–
dB
HT20, MCS7
–
20
–
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com