Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L01 Datasheet(PDF) 23 Page - Pycom

Part # L01
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

L01 Datasheet(HTML) 23 Page - Pycom

Back Button L01 Datasheet HTML 19Page - Pycom L01 Datasheet HTML 20Page - Pycom L01 Datasheet HTML 21Page - Pycom L01 Datasheet HTML 22Page - Pycom L01 Datasheet HTML 23Page - Pycom L01 Datasheet HTML 24Page - Pycom L01 Datasheet HTML 25Page - Pycom L01 Datasheet HTML 26Page - Pycom L01 Datasheet HTML 27Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
23
16.0 Electrical Characteristics
16.1
Absolute maximum ratings
16.2
Input/Output characteristics
Table 19 – Absolute maximum ratings
Table 20 – Input/Output characteristics
Parameter
Symbol
Min
Typ.
Max
Unit
Supply Input Voltage
VIN
3.5
–
5.5
V
Supply Output Current
IOUT
–
–
1.2
A
Supply Output Voltage
V3V3
–
3.3
–
V
Storage Temperature
TSTR
–
–
–
°C
Operating Temperature
TOPR
–40
–
85
°C
Moisture Sensitivity Level
MSL
–
1
–
–
Parameter
Symbol
Min
Typ.
Max
Unit
Input low voltage
VIL
–0.3
–
0.25×V3V3
V
Input high voltage
VIH
0.75×V3V3
–
V3V3+0.3
V
Max Input sink current
ISINK
–
6
12
mA
Input leakage current
IIL
–
–
50
nA
Input pin capacitance
Cpin
–
–
2
pF
Output low voltage
VOL
0.1×V3V3
–
–
V
Output high voltage
VOH
0.8×V3V3
–
–
V
Max Output source current
ISOURCE
–
6
12
mA
15.0 6LoWPAN
Pycom is currently working on adding 6LoWPAN support
to this module and plan to release a new firmware with
this functionality in Q2 2018.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com