Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L01 Datasheet(PDF) 4 Page - Pycom

Part # L01
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

L01 Datasheet(HTML) 4 Page - Pycom

  L01 Datasheet HTML 1Page - Pycom L01 Datasheet HTML 2Page - Pycom L01 Datasheet HTML 3Page - Pycom L01 Datasheet HTML 4Page - Pycom L01 Datasheet HTML 5Page - Pycom L01 Datasheet HTML 6Page - Pycom L01 Datasheet HTML 7Page - Pycom L01 Datasheet HTML 8Page - Pycom L01 Datasheet HTML 9Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
04
6.0
Pin Details
Table 1 – Module pinout
Module
Pin
ESP32
GPIO
Pin
Name
Default Function
ADC
PWM
RTC†
Notes
1
–
–
Ground
2
–
–
Ground
3
–
–
Ground
4
–
–
Ground
5
–
–
Ground
6
–
–
Reset
Active Low
7
3
P0
RX0
(Programming)
Used by the bootloader and to program
the module
8
1
P1
TX0
(Programming)
Used by the bootloader and to program
the module
9
0
P2
2*
If tied to GND during boot the device will
enter bootloader mode
10
4
P3
TX1
2*
11
15
P4
RX1
2*
JTAG TDO, SD card CMD
12
5
–
LoRa radio SPI CLK
Not recommended for external use
13
27
–
LoRa radio SPI
MOSI
2*
Not recommended for external use
14
19
–
LoRa radio SPI
MISO
Not recommended for external use
15
2
P8
2*
SD card DAT0
16
12
P9
SDA
2*
JTAG TDI
17
13
P10
SCL (I2C) / CLK
(SPI)
2*
JTAG TCK
18
22
P11
MOSI
19
21
P12
MISO
If tied to 3.3V during boot the device
enters safe boot mode, JTAG MISO
20
–
–
Ground
21
–
–
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com