Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L01 Datasheet(PDF) 30 Page - Pycom

Part # L01
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

L01 Datasheet(HTML) 30 Page - Pycom

Back Button L01 Datasheet HTML 23Page - Pycom L01 Datasheet HTML 24Page - Pycom L01 Datasheet HTML 25Page - Pycom L01 Datasheet HTML 26Page - Pycom L01 Datasheet HTML 27Page - Pycom L01 Datasheet HTML 28Page - Pycom L01 Datasheet HTML 29Page - Pycom L01 Datasheet HTML 30Page - Pycom L01 Datasheet HTML 31Page - Pycom  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
30
24.0 Certification
FCC 2AJMTLOPY1R
IC
2263–LOPY01R
CE
0700
Copies of the certificates can be found on our website.
25.0 Regulator Information
25.1
EU Regulatory Conformance
Hereby, Pycom Ltd declares that this device is in compliance with the essential requirements and other relevant
provisions of Directive 1999/5/EC
25.2
Federal Communication Commission Interference Statement
This device complies with Part 15 of the FCC Rules. Operation is subject to the following two conditions:
1. This device may not cause harmful interference.
2. This device must accept any interference received, including interference that may cause undesired operation.
CAUTION: Changes or modifications not expressly approved by the party responsible for compliance could void the
user’s authority to operate the equipment.
NOTE: This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to
Part 15 of the FCC Rules. These limits are designed to provide reasonable protection against harmful interference
in a residential installation. This equipment generates, uses and can radiate radio frequency energy and, if not
installed and used in accordance with the instructions, may cause harmful interference to radio communications.
However, there is no guarantee that interference will not occur in a particular installation. If this equipment does
cause harmful interference to radio or television reception, which can be determined by turning the equipment off
and on, the user is encouraged to try to correct the interference by one or more of the following measures:
– Reorient or relocate the receiving antenna.
– Increase the separation between the equipment and receiver.
– Connect the equipment into an outlet on a circuit different from that to which the receiver is connected.
– Consult the dealer or an experienced radio/TV technician for help.
25.2.1 RF Warning Statement
To comply with FCC RF exposure compliance requirements, the antennas used for this transmitter must be installed
to provide a separation distance of at least 20 cm from all persons and must not be co–located or operating in
conjunction with any other antenna or transmitter.
25.2.2 OEM integrator conditions
This device is intended only for OEM integrators under the following conditions:
1. The antenna must be installed such that 20 cm is maintained between the antenna and users, and
2. The transmitter module may not be co–located with any other transmitter or antenna.
As long as the two conditions above are met, further transmitter test will not be required. However, the OEM
integrator is still responsible for testing their end–product for any additional compliance requirements required
with this module installed. To ensure compliance with all non–transmitter functions the host manufacturer is
responsible for ensuring compliance with the module(s) installed and fully operational. For example, if a host
was previously authorized as an unintentional radiator under the Declaration of Conformity procedure without a
transmitter certified module and a module is added, the host manufacturer is responsible for ensuring that the
after the module is installed and operational the host continues to be compliant with the Part 15B unintentional
radiator requirements.
The module is limited to OEM installation ONLY. The module is limited to installation in mobile or fixed application.
We hereby acknowledge our responsibility to provide guidance to the host manufacturer in the event that they
require assistance for ensuring compliance with the Part 15 Subpart B requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com