Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L01 Datasheet(PDF) 26 Page - Pycom

Part # L01
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

L01 Datasheet(HTML) 26 Page - Pycom

Back Button L01 Datasheet HTML 22Page - Pycom L01 Datasheet HTML 23Page - Pycom L01 Datasheet HTML 24Page - Pycom L01 Datasheet HTML 25Page - Pycom L01 Datasheet HTML 26Page - Pycom L01 Datasheet HTML 27Page - Pycom L01 Datasheet HTML 28Page - Pycom L01 Datasheet HTML 29Page - Pycom L01 Datasheet HTML 30Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
26
20.0 Design Considerations
20.1
Antenna Impedance
Our OEM modules are intended to be used with a 50–ohm
antenna. They are also required to be connected to the
antenna by a 50–ohm grounded co–planar waveguide (as
shown in the reference design below with the yellow lines)
or a microstrip.
20.2
Deep sleep power
When selecting a voltage regulator for your application
ensure that it has a low power mode, and that this is
enabled when the device enters deep sleep. We also
recommend cutting off power to all non–essential
components such as LEDs, logic gates, sensors etc.
when the device is in deep sleep. This can be done
using the circuit shown right:
This circuit uses the 1.8V output of the module to cut off
supply to non–essential circuitry. The 1.8V output is only
active when the module is running, when it goes to deep
sleep it drops to 0V. The non–essential circuitry is then
powered from the “ACTIVE_POWER” bus.
Figure 7 – 50–ohm impedance antenna connections
Figure 8 – Power switch for deep sleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com