Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L01 Datasheet(PDF) 5 Page - Pycom

Part # L01
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

L01 Datasheet(HTML) 5 Page - Pycom

  L01 Datasheet HTML 1Page - Pycom L01 Datasheet HTML 2Page - Pycom L01 Datasheet HTML 3Page - Pycom L01 Datasheet HTML 4Page - Pycom L01 Datasheet HTML 5Page - Pycom L01 Datasheet HTML 6Page - Pycom L01 Datasheet HTML 7Page - Pycom L01 Datasheet HTML 8Page - Pycom L01 Datasheet HTML 9Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
05
6.0
Pin Details
Table 1 – Module pinout
Module
Pin
ESP32
GPIO
Pin
Name
Default Function
ADC
PWM
RTC†
Notes
22
–
–
WiFi/BT antenna
50 Ohm impedance required
23
–
–
Ground
24
–
–
Ground
25
–
–
Ground
26
36
P13
1
Input only
27
37
P14
1
Input only
28
38
P15
1
Input only
29
39
P16
1
Input only
30
35
P17
1
Input only
31
34
P18
1
Input only
32
32
P19
1
33
33
P20
1
Connected to the on–board RGB LED
34
26
P21
2*
DAC
35
25
P22
2*
DAC
36
14
P23
2*
JTAG TMS, SD card SCLK
37
–
–
3.3V input
This supply should be able to source
650mA
38
–
–
Ground
39
–
–
1.8V Output
Only when the device is active, during
deep sleep this drops to 0V
40
–
–
Ground
41
–
–
Ground
42
–
–
Ground
43
–
–
Ground
44
–
–
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com