Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2431BSDGHIALVR. Datasheet(PDF) 250 Page - Texas Instruments

Part # AM2431BSDGHIALVR.
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDGHIALVR. Datasheet(HTML) 250 Page - Texas Instruments

Back Button AM2431BSDGHIALVR. Datasheet HTML 246Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 247Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 248Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 249Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 250Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 251Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 252Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 253Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 254Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 282 page
background image
8 Applications, Implementation, and Layout
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Device Connection and Layout Fundamentals
8.1.1 Power Supply
8.1.1.1 Power Supply Designs
The power supply implementation for this device requires a minimum of four sources when using ALX packaged
devices (or five sources when using ALV/ANI packaged devices) for the following voltage domains: 0.85V CORE
and RAM supplies, 3.3V IO supply, 1.8V IO supply and 1V8 analog supply. The ALV/ANI package requires
an additional source to supply the 1.1V/1.2V DDR IO supply. Refer to the evaluation module or starter kit
design files to better understand how specific supply pins can be grouped together. The power solution can
be implemented with general purpose Power Management ICs (PMICs) or discrete regulators like DCDCs
and LDOs. TPS65219 is an example of a cost and space optimized PMIC with integrated DCDCs, LDOs,
multi-function digital signals, sequencer, and supervisor providing the full power solution to supply the processor
and principal peripherals. For the most up to date power collateral, visit the TI’s Power supply solutions website.
Note
The device power supply implementation requires a dedicated 1.8V LDO to supply VPP only during
eFuse programming. This LDO is optional and only needed if on-board eFuse programming is
required.
8.1.1.2 Power Distribution Network Implementation Guidance
The Sitara Processor Power Distribution Networks: Implementation and Analysis provides guidance for
successful implementation of the power distribution network. This includes PCB stackup guidance as well as
guidance for optimizing the selection and placement of the decoupling capacitors. TI only supports designs that
follow the board design guidelines contained in the application report.
8.1.2 External Oscillator
For more information about External Oscillators, see the Clock Specifications section.
8.1.3 JTAG, EMU, and TRACE
Texas Instruments supports a variety of eXtended Development System (XDS™) JTAG controllers with various
debug capabilities beyond only JTAG support. A summary of this information is available in the XDS Target
Connection Guide.
For recommendations on JTAG, EMU, and TRACE routing, see the Emulation and Trace Headers Technical
Reference Manual
8.1.4 Unused Pins
For more information about Unused Pins, see the Pin Connectivity Requirements section.
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
250
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com