Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR084 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPR084
Description  Proximity Capacitive Touch Sensor Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR084 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPR084 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
MPR084
Sensors
Freescale Semiconductor
21
Preliminary
6.4.1
Fault Register
The Fault Register is a read only register that shows the fault number under the current sensor conditions. Any write to the Fault
Register will clear the register, when in Stop mode. The Fault register cannot be cleared when the part is in a Run mode. The I2C
slave address of the Fault Register is 0x01.
Figure 24. Fault Register
7
6
543210
R
0
0
000
MNKE
FAULT
W
Reset:
0
0
000000
= Unimplemented
Table 15. Fault Register Field Descriptions
Field
Description
4
MNKE
Maximum Number of Keys Exceeded – The Maximum Number of Keys Exceeded
status bit indicates whether or not more keys than allowed are currently being
touched.
1 TPC Exceeded
0 TPC Not Exceeded
1:0
FAULT
Fault – The Fault code represents the currently asserted fault condition.
00 Encoding 0 – No fault detected
01 Encoding 1 – Short to VSS detected
10 Encoding 2 – Short to VDD detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com