Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR084 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPR084
Description  Proximity Capacitive Touch Sensor Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR084 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPR084 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
MPR084
Sensors
28
Freescale Semiconductor
Preliminary
A.4
DC Characteristics
This section includes information about power supply requirements and I/O pin characteristics.
*The MPR084 requires a specific start-up sequence for VDD< 2.0 V. Refer to Section 2.3.9.
A.5
I2C AC Characteristics
This section includes information about I2C AC Characteristics.
Table 22. DC Characteristics (Temperature Range = –40°C to 85°C Ambient)
(Typical Operating Circuit,
VDD = 1.8 V* to 3.6 V, TA = TMIN to TMAX, unless otherwise noted. Typical current values are at VDD = 3.3 V,
TA = +25°C.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Supply Voltage
VDD
1.8*
3.6
V
Run1 mode Current
Irun1
VDD = 1.8 V
1.62
mA
Run2 mode Current
Irun2
VDD = 1.8 V
41
µA
Stop1 mode Current
Istop1
VDD = 1.8 V
1.74
mA
Stop2 mode Current
Istop2
VDD = 1.8 V
2
µA
Input High Voltage
SDA, SCL
VIH
0.7 x VDD
V
Input Low Voltage
SDA, SCL
VIL
0.35 x VDD
V
Input Leakage Current
SDA, SCL
IIH, IIL
0.025
1
µA
Input Capacitance
SDA, SCL
7pF
Output Low Voltage
SDA, IRQ
VOL
IOL = 6mA
0.5V
V
Table 23. I2C AC Characteristics
(Typical Operating Circuit, V+ = 1.8 V to 3.6 V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = 3.3 V, TA = +25°C.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Serial Clock Frequency (1)
1. Clock Stretching is required for reliable communications
fSCL
100
kHz
Capacitive Load for Each Bus Line
Cb
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com