Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR084 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPR084
Description  Proximity Capacitive Touch Sensor Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR084 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPR084 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
MPR084
Sensors
12
Freescale Semiconductor
Preliminary
3.6
Maximum Number of Touched Positions Register
The Maximum Number of Touched Positions Register adjusts the number of keys that can be concurrently reported as touched.
The I2C slave address of the Maximum Number of Touched Positions Register is 0x0D.
Figure 16. Maximum Number of Touched Positions Registers
3.7
Electrode Channel Enable Mask Register
The Electrode Channel Mask Register adjusts to the number of keys that are scanned by the MPR084. The I2C slave address
of the Electrode Channel Mask Register is 0x0C.
Figure 17. Electrode Channel Enable Mask Position Register
7
6
543210
R0
0
0
0
0
TPC
W
Reset:
0
0
000100
= Unimplemented
Table 6. Maximum Number of Touched Positions Register Field Descriptions
Field
Description
2:0
TPC
Touched Positions Count – The Touched Positions Count selects or reports the
number of simultaneously reported touches.
000 Encoding 0 – Sets the number of allowed touches to 0
~
111 Encoding 7 – Sets the number of allowed touches to 7
7
6
543210
R
E8EN
E7EN
E6EN
E5EN
E4EN
E3EN
E2EN
E1EN
W
Reset:
1
1
111111
= Unimplemented
Table 7. Electrode Channel Enable Mask Register Field Descriptions
Field
Description
7
E8EN
Electrode 8 Enable – The Electrode 8 Enable bit enables or disables electrode
number 8.
0 Electrode 8 Disable
1 Electrode 8 Enable
6
E7EN
Electrode 7 Enable – The Electrode 7 Enable bit enables or disables electrode
number 7.
0 Electrode 7 Disable
1 Electrode 7 Enable
5
E6EN
Electrode 6 Enable – The Electrode 6 Enable bit enables or disables electrode
number 6.
0 Electrode 6 Disable
1 Electrode 6 Enable
4
E5EN
Electrode 5 Enable – The Electrode 5 Enable bit enables or disables electrode
number 5.
0 Electrode 5 Disable
1 Electrode 5 Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com