Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR084 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPR084
Description  Proximity Capacitive Touch Sensor Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR084 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPR084 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
MPR084
Sensors
20
Freescale Semiconductor
Preliminary
6.3
Buffered
The Buffered output is done through a FIFO. The FIFO will buffer every touch that occurs up to 30 values before the buffer
overflows and data is lost. Any time data is read from the FIFO it is pulled from the buffer and the next item becomes available.
The buffer can be cleared (NDF goes high) by either reading the last entry or attempting to write to the register.
The buffer settings are configured in the Touch Pad Configuration Register as described in Section 3.4.
6.3.1
FIFO Register
The FIFO Register is a read only register for determining the current status of the touch pad. Any time a write is issued to this
register the buffer will be cleared. The I2C slave address of the FIFO Register is 0x00.
Figure 23. FIFO Register
6.4
Error
The MPR084 can generate a fault under two conditions; an electrode is shorted to VDD, or an electrode is shorted to VSS. Once
a fault is asserted the sensor electrodes will no longer be scanned until the fault is cleared. In the event of multiple faults occurring
at the same time, the sensor controller will report the first fault that is detected during scanning.
In addition to the VDD or VSS
short, there is also a fault for when too many keys have been touched. The Max Number of Keys Exceeded status bit is an
instantaneous output that is high when more keys are pressed than allowed by the TPC (Section 3.6).
7
6
543210
R
MDF
NDF
OF
TRF
BP
W
Reset:
0
1
000000
= Unimplemented
Table 14. FIFO Register Field Descriptions
Field
Description
7
MDF
More Data Flag – The More Data Flag shows whether or not data will remain in the
buffer after the current read.
0 No Data Remaining
1 Data Remaining
6
NDF
No Data Flag – The No Data Flag shows whether or not there is currently data in
the buffer.
0 Buffer currently has data
1 Buffer does not currently have data
5
OF
Overflow Flag – The Overflow Flag shows whether or not an overflow has occurred.
If this flag is high then the most current data was lost.
0 No Overflow has occurred
1 Overflow has occurred
4
TRF
Touch Release Flag – The Touch Release Flag shows if the current buffer entry is
a touch or release of a pad.
0 Pad is released
1 Pad is touched
3:0
BP
Buffered Position – The Buffered Position represents the electrode number that is
currently being displayed by the buffer.
0000 Encoding 0 – Buffered touch of electrode 1
~
0111 Encoding 7 – Buffered touch of electrode 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com