Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR084 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPR084
Description  Proximity Capacitive Touch Sensor Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR084 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPR084 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
MPR084
Sensors
Freescale Semiconductor
25
Preliminary
9
Sensitivity
9.1
Introduction
The MPR084 can operate in a variety of environments with a variety of different electrode patterns. Because of this it is necessary
to adjust the relative sensitivity of the sensor controller. Usually this requires fine tuning in any final application.
There are many factors that must be taken into account, but much of the time this value is relative to the capacitance changes
generated by a touch. Since capacitance is directly proportional to the dielectric constant of the material and the area of the pad,
while inversely proportional to the distance between pads these are the primary factors.
Equation 8
As the relative capacitance rises the sensitivity setting of the MPR084 should be adjusted accordingly. Thus a very high sensitivity
value represents a large A and a small d.
9.2
Adjusting the Sensitivity
The sensitivity of the MPR084 is adjusted by varying the Sensitivity Threshold Registers.
9.2.1
Sensitivity Threshold Registers
The Sensitivity Threshold registers all sensitivity of the MPR084 to be adjusted for any situation. The I2C slave address of the
Sensitivity Threshold Registers is 0x04 - 0x0B.
Figure 28. Sensitivity Threshold Register Format
7
6
543210
R
SL
W
Reset:
0
0
000000
= Unimplemented
Table 17. Sensitivity Threshold Register Format Descriptions
Field
Description
7:0
ST
Sensitivity Threshold – The Sensitivity Threshold selects or reports the sensitivity
setting of the Sensor Controller. The resulting value must be in the range 1 to 64
units. If the value is outside of this range the ST will be set to 00111111.
00000000 Encoding 0 – Sets the sensitivity to level 1
~
00111111 Encoding 63 – Sets the sensitivity to level 64
C
ke0A
d
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com