Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR084 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPR084
Description  Proximity Capacitive Touch Sensor Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR084 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPR084 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
MPR084
Sensors
24
Freescale Semiconductor
Preliminary
8Calibration
8.1
Introduction
The MPR084 is self-calibrating. This is done both at initial start-up of the device and during run time.
8.2
Initial Start-up Conditions
Initial calibration of the MPR084 occurs every time the device resets. The first key detection cycle is used as a baseline
capacitance value for all remaining calculations. Thus, a touch is detected by taking the difference between this baseline value
and the current capacitance on the electrode.
8.3
Auto-Calibration
The MPR084 has an auto-calibration feature. This is enabled through the Touch Pad Configuration Register (Section 3.4), by
setting the ACE bit high. Auto calibration is done by two mechanisms. The basic auto-calibration will recalculate the baseline
value after 6 sample periods. Thus the auto calibrate period can be calculate by multiplying the master clock period (in
milliseconds) and the touch acquisition sample period with a factor of 64.
Equation 6
If a touch is currently being detected the auto-calibration will not engage and calibration will be ignored. The device can also be
calibrated when a key is being touched, this is controlled by stuck key detection.
8.4
Stuck Key Detection
The Stuck Key Detection system allows the application to specify the maximum amount of time a touch should be detected before
it is calibrated into the baseline and the touch is ignored. This is controlled by setting the Stuck Key Timeout multiplication factor
(SKT). The timeout period can be calculated by multiplying the SKT, master clock period (in ms) and touch acquisition sample
period with a factor of 64.
Equation 7
When Stuck Key Detection is off a touched key will remain touched indefinitely and never be calibrated into the baseline value.
8.4.1
Stuck Key Timeout Register
The Stuck Key Timeout Register is used to determine the electrode scan period of the system. The I2C slave address of the Stuck
Key Timeout Register is 0x12.
Figure 27. Stuck Key Timeout Register
7
6
543210
R
SKT
W
Reset:
0
0
000000
= Unimplemented
Table 16. Stuck Key Timeout Register Field Descriptions
Field
Description
7:0
SKT
Stuck Key Timeout – The Stuck Key Timeout field selects or reports the
multiplication factor that is used to determine how often electrodes are calibrated
while a touch is being detected.
00000000 Encoding 0 – Turns off Stuck Key Detection
00000001 Encoding 1 – Sets the SKT multiplication factor to 2
~
11111111 Encoding 255 – Sets the SKT multiplication factor to 256
AutoCalibrationPeriod ms
()
MCP
TASP
×
64
×
=
AutoCalibrationPeriod ms
()
MCPTASPSKT
×
×
64
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com