Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR084 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPR084
Description  Proximity Capacitive Touch Sensor Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR084 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPR084 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
MPR084
Sensors
Freescale Semiconductor
11
Preliminary
3.5
Touch Acquisition Sample Period Register
The Touch Acquisition Sample Period Register is used to determine the electrode scan period of the system. The I2C slave
address of the Touch Acquisition Sample Period Register is 0x0F.
Figure 15. Touch Acquisition Sample Period Register
Table 4. Touch Pad Configuration Register Field Descriptions
Field
Description
7
TPSE
Touch Pad Sounder Enable – The Touch Pad Sounder Enable bit controls if data
is sent to the sounder.
0 Disable – Click Feedback Off
1 Enable – Click Feedback On
5
BKA
Best Key Algorithm - The Best Key Algorithm, when enabled the Maximum Number
of Touches register is ignored and the algorithm reports the single best key based
upon the BKA algorithm and all electrodes that are decoding a touch.
0 BKA Disabled
1 BKA Enabled
4
ACE
Auto Calibration Enable – The Auto Calibration Enable bit enables or disables the
auto calibration function.
0 Disable
1 Enable
3
TPRBE
Touch Pad Release Buffer Enable – The Touch Pad Release Buffer Enable bit
determines whether or not data is logged in the FIFO when the touch pad
transitions from a touched to untouched state.
0 Disable – No Release Data Logged
1 Enable – Release Data Logged
2
TPTBE
Touch Pad Touch Buffer Enable – The Touch Pad Touch Buffer Enable bit
determines whether or not data is logged in the FIFO any time a button is pressed.
0 Disable – Touches are not logged
1 Enable – Touches are logged
0
TPE
Touch Pad Enable – The Touch Pad Enable bit enables or disables the touch
sensor. When disabled, no touches are detected.
0 Disable – Touches not detected
1 Enable – Touches detected
7
6
543210
R
TASP
W
Reset:
0
0
000001
= Unimplemented
Table 5. Touch Acquisition Sample Register Field Description
Field
Description
7:0
TASP
Touch Acquisition Sample Period – The Touch Acquisition Sample Period Field
selects or reports the multiplication factor that is used to determine how often
electrodes are scanned. The resulting factor must be in the range 1 to 32. If the
value is outside of this range the TASP will be set to 00011111.
00000000 Encoding 0 – Sets the TASP multiplication factor to 1
~
00011111 Encoding 31 – Sets the TASP multiplication factor to 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com