Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR084 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPR084
Description  Proximity Capacitive Touch Sensor Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR084 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPR084 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
MPR084
Sensors
22
Freescale Semiconductor
Preliminary
7Interrupts
7.1
Introduction
The MPR084 has one interrupt output that is configured by registers and alerts the application when a touch or fault is detected.
When running in Run2 or Stop2 mode where I2C communication is not available this feature alerts the user to sensor touches.
7.2
Condition for Interrupt
There are two cases that latch the Interrupt buffered data available or fault detected.
7.2.1
Buffered Data Available
The interrupt for Buffered Data Available will only trigger when the NDF (No Data Flag) transitions from high to low. This signifies
that there is new data available in the buffer. The interrupt is deasserted on the first read/write of the FIFO Register and cannot
be reasserted for buffered data until the FIFO is empty (either by reading all the data, or clearing the buffer).
7.2.2
Fault Detected
The interrupt for a Fault Detected condition is triggered any time the Fault condition in the Fault Register transitions from zero to
non-zero. The interrupt is deasserted when the Fault Register is cleared (by writing to the Fault Register).
7.3
Settings
Interrupts are configured through I2C using the Configuration Register (Section 4.7). Two of the settings in this register will affect
the interrupt functionality.
The Interrupt Enable (IRQEN) must be set high for the IRQ to be enabled. When low, all interrupts will be ignored, and the IRQ
pin will never latch.
The Interrupt Rate (IRQR) sets the minimum delay between sequential triggered interrupts. The minimum interrupt period can be
calculated by taking the product of the MCP (master clock period) and IRQR with a factor of 4. Thus, for the minimum setting an
interrupt would be triggered no more often than 4 times the sensor scan rate.
Equation 4
If the MPR084 is using Run2, the minimum interrupt period would be represented by the following equation.
Equation 5
7.4
IRQ Pin
The IRQ pin is an open-drain, latching interrupt output which requires an external pull-up resistor. The pin will latch down based
on the conditions in Section 6.2. The pin will reset when an I2C transmission reads/writes the appropriate register displaying
information about the source of the interrupt. Thus if the source is buffered data available then a FIFO Buffer read/write will clear
the IRQ pin. If the source is a fault detected then a write of the Fault Register will clear the pin.
MinInterruptPeriod ms
()
MCP
IRQR
×
4
×
=
MinInterruptPeriod ms
()
MTP
5
+
8
----------------------
1
+
⎝⎠
⎛⎞
8
I
× RQR 4
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com