Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 149 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 149 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 145Page - STMicroelectronics M7040N Datasheet HTML 146Page - STMicroelectronics M7040N Datasheet HTML 147Page - STMicroelectronics M7040N Datasheet HTML 148Page - STMicroelectronics M7040N Datasheet HTML 149Page - STMicroelectronics M7040N Datasheet HTML 150Page - STMicroelectronics M7040N Datasheet HTML 151Page - STMicroelectronics M7040N Datasheet HTML 152Page - STMicroelectronics M7040N Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 159 page
background image
149/159
M7040N
PART NUMBERING
Table 55. Ordering Information Scheme
Note: 1. Where “Z” is the symbol for BGA packages and “A” denotes 1.27mm ball pitch
For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device,
please contact the ST Sales Office nearest to you.
Example:
M70
40
N
–100
ZA
1
T
Device Type
M70 Search Engine
Density
40 = 4.5Mb (64K x 72-bit Table Entries)
Operating Supply Voltage
N=VDD =1.5Vfor –066 and –083 speed grades
VDD = 1.65V for –100 speed grade
Speed
–100 = 100 Million Searches per Second
–083 = 83 Million Searches per Second
–066 = 66 Million Searches per Second
Package
PBGA = 388-ball count, 35mm x 35mm(1), 1.27mm ball pitch
Temperature Range
1 = 0 to 70°C
Shipping Option
Tape & Reel Packing = T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com