Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 151 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 151 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 147Page - STMicroelectronics M7040N Datasheet HTML 148Page - STMicroelectronics M7040N Datasheet HTML 149Page - STMicroelectronics M7040N Datasheet HTML 150Page - STMicroelectronics M7040N Datasheet HTML 151Page - STMicroelectronics M7040N Datasheet HTML 152Page - STMicroelectronics M7040N Datasheet HTML 153Page - STMicroelectronics M7040N Datasheet HTML 154Page - STMicroelectronics M7040N Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 159 page
background image
151/159
M7040N
Table 56. PBGA-ZA – 388-ball Plastic Ball Grid Array Package Mechanical Data
Note: 1. The terminal “b” corner must be identified on the top surface by using a corner chamfer, ink, or metallized markings, or other feature
of package body or integral heatslug.
2. A distinguished feature is allowable on the bottom surface of the package to identify the terminal “b” corner.
3. Maximum mounted height is 2.45mm based on a 0.65mm ball pad diameter. Solder paste is 0.15mm thickness and 0.65mm in di-
ameter.
4. Exact shape of each corner is optional.
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
2.33
2.20
2.46
0.095
0.090
0.100
A2
0.56
0.022
b(1,2)
0.75
0.60
0.90
0.031
0.024
0.037
D(3,4)
35.00
34.80
35.20
1.429
1.420
1.437
D1
31.75
1.296
D2
30.00
1.224
E(3,4)
35.00
34.80
35.20
1.429
1.420
1.437
e
1.27
0.050
E1
31.75
1.296
E2
30.00
1.224
n
388
388
Tolerance
Tolerance
ddd
0.15
0.006
eee
0.30
0.012
fff
0.15
0.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com