Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 150 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 150 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 146Page - STMicroelectronics M7040N Datasheet HTML 147Page - STMicroelectronics M7040N Datasheet HTML 148Page - STMicroelectronics M7040N Datasheet HTML 149Page - STMicroelectronics M7040N Datasheet HTML 150Page - STMicroelectronics M7040N Datasheet HTML 151Page - STMicroelectronics M7040N Datasheet HTML 152Page - STMicroelectronics M7040N Datasheet HTML 153Page - STMicroelectronics M7040N Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 159 page
background image
M7040N
150/159
PACKAGE MECHANICAL INFORMATION
Figure 110. PBGA-ZA – 388-ball Plastic Ball Grid Array Package Outline
Note: Drawing is not to scale.
TOP VIEW
PBGA-Z05
SIDE VIEW
DETAIL A
A2
A
1.17 REF
ddd C
0.56 REF.
30˚ TYP.
BOTTOM VIEW
D1
E
E1
D
e
b
e
e
PIN 1
CORNER
1
0.20 (4X)
Detail A
D2
E2
B
A
PIN A1
4.00*45˚ (4x)
SOLDER BALL (Typ)
C
S
C
A
B
fff
eee
b
S
S
S
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com