Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 154 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 154 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 150Page - STMicroelectronics M7040N Datasheet HTML 151Page - STMicroelectronics M7040N Datasheet HTML 152Page - STMicroelectronics M7040N Datasheet HTML 153Page - STMicroelectronics M7040N Datasheet HTML 154Page - STMicroelectronics M7040N Datasheet HTML 155Page - STMicroelectronics M7040N Datasheet HTML 156Page - STMicroelectronics M7040N Datasheet HTML 157Page - STMicroelectronics M7040N Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 159 page
background image
M7040N
154/159
AE1
TEST
Ground
AF16
DQ[24]
I/O
AF17
DQ[22]
I/O
B23
TEST_PB
Input
AF18
DQ[14]
I/O
B24
CFG_L
Input
AF19
VDDQ
(2)
2.5/3.3V
B25
VSS
Ground
AF2
CLK_TUNE[2](1)
Note 1
B26
SADR[00]
Output
AF20
DQ[08]
I/O
B3
DQ[69]
I/O
AF21
DQ[04]
I/O
B4
DQ[65]
I/O
AF22
DQ[02]
I/O
B5
DQ[61]
I/O
AF23
SSV
Output-T
B6
DQ[59]
I/O
AF24
SSF
Output-T
B7
DQ[55]
I/O
AF25
CMD[10]
Input
B8
VDDQ
(2)
2.5/3.3V
AF26
CMD[9]
Input
B9
DQ[47]
I/O
AF3
DQ[68]
I/O
C1
TCK
Input
AF4
DQ[66]
I/O
C10
VDDQ
(2)
2.5/3.3V
AF5
DQ[62]
I/O
C11
VDD
1.5V
AF6
VDDQ
(2)
2.5/3.3V
C12
VDD
1.5V
AF7
DQ[56]
I/O
C13
VDD
1.5V
AF8
DQ[52]
I/O
C14
VDD
1.5V
AF9
DQ[48]
I/O
C15
VDD
1.5V
B1
TDI
Input
C16
VDD
1.5V
B10
DQ[45]
I/O
C17
DQ[19]
I/O
B11
DQ[39]
I/O
C18
DQ[13]
I/O
B12
VDDQ
(2)
2.5/3.3V
C19
NC7
No Connect
B13
DQ[33]
I/O
C2
TMS
Input
B14
DQ[29]
I/O
C20
VDD
1.5V
B15
DQ[27]
I/O
C21
VDD
1.5V
B16
DQ[23]
I/O
C22
VDD
1.5V
B17
VDDQ
(2)
2.5/3.3V
C23
VDD
1.5V
B18
DQ[15]
I/O
C24
VDD
1.5V
B19
DQ[11]
I/O
C25
SADR[01]
Output
B2
VSS
Ground
C26
VDDQ
(2)
2.5/3.3V
B20
DQ[07]
I/O
C3
VDD
1.5V
B21
VDDQ
(2)
2.5/3.3V
C4
VDD
1.5V
B22
DQ[01]
I/O
C5
VDD
1.5V
Package Ball
Number
Signal Name
Signal Type
Package Ball
Number
Signal Name
Signal Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com