Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 153 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 153 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 149Page - STMicroelectronics M7040N Datasheet HTML 150Page - STMicroelectronics M7040N Datasheet HTML 151Page - STMicroelectronics M7040N Datasheet HTML 152Page - STMicroelectronics M7040N Datasheet HTML 153Page - STMicroelectronics M7040N Datasheet HTML 154Page - STMicroelectronics M7040N Datasheet HTML 155Page - STMicroelectronics M7040N Datasheet HTML 156Page - STMicroelectronics M7040N Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 159 page
background image
153/159
M7040N
AA24
VDD
1.5V
AC26
VDDQ
(2)
2.5/3.3V
AA25
CMD[3]
Input
AC3
VDD
1.5V
AC4
VSS
Ground
AE10
DQ[44]
I/O
AC5
VSS
Ground
AE11
DQ[42]
I/O
AC6
VSS
Ground
AE12
DQ[38]
I/O
AC7
VSS
Ground
AE13
VDDQ
(2)
2.5/3.3V
AC8
VSS
Ground
AE14
DQ[32]
I/O
AC9
VSS
Ground
AE15
DQ[28]
I/O
AD1
RST_L
Input
AE16
DQ[26]
I/O
AD10
DQ[46]
I/O
AE17
VDDQ
(2)
2.5/3.3V
AD11
VDD
1.5V
AE18
DQ[18]
I/O
AD12
VDD
1.5V
AE19
DQ[12]
I/O
AD13
VDD
1.5V
AE2
VSS
Ground
AD14
VDD
1.5V
AE20
DQ[10]
I/O
AD15
VDD
1.5V
AE21
DQ[06]
I/O
AD16
VDD
1.5V
AE22
VDDQ
(2)
2.5/3.3V
AD17
DQ[20]
I/O
AE23
DQ[00]
I/O
AD18
DQ[16]
I/O
AE24
VDDQ
(2)
2.5/3.3V
AD19
NC4
No Connect
AE25
VSS
Ground
AD2
VDDQ
(2)
2.5/3.3V
AE26
CLK_TUNE[1](1)
Note 1
AD20
VDD
1.5V
AE3
DQ[70]
I/O
AD21
VDD
1.5V
AE4
VDDQ
(2)
2.5/3.3V
AD22
VDD
1.5V
AE5
DQ[64]
I/O
AD23
VDD
1.5V
AE6
DQ[60]
I/O
AD24
VDD
1.5V
AE7
DQ[58]
I/O
AD25
CMD[8]
Input
AE8
DQ[54]
I/O
AD26
CMD[7]
Input
AE9
DQ[50]
I/O
AD3
VDD
1.5V
AF1
TEST_CO
No Connect
AD4
VDD
1.5V
AF10
VDDQ
(2)
2.5/3.3V
AD5
VDD
1.5 V
AF11
DQ[40]
I/O
AD6
VDD
1.5V
AF12
DQ[36]
I/O
AD7
VDD
1.5V
AF13
DQ[34]
I/O
AD8
NC3
No Connect
AF14
DQ[30]
I/O
AD9
VDDQ
(2)
2.5/3.3V
AF15
VDDQ
(2)
2.5/3.3V
Package Ball
Number
Signal Name
Signal Type
Package Ball
Number
Signal Name
Signal Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com