Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 155 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 155 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 151Page - STMicroelectronics M7040N Datasheet HTML 152Page - STMicroelectronics M7040N Datasheet HTML 153Page - STMicroelectronics M7040N Datasheet HTML 154Page - STMicroelectronics M7040N Datasheet HTML 155Page - STMicroelectronics M7040N Datasheet HTML 156Page - STMicroelectronics M7040N Datasheet HTML 157Page - STMicroelectronics M7040N Datasheet HTML 158Page - STMicroelectronics M7040N Datasheet HTML 159Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 155 / 159 page
background image
155/159
M7040N
C6
VDD
1.5V
E24
VDD
1.5V
C7
VDD
1.5V
E25
SADR[05]
Output
C8
NC8
No Connect
E26
SADR[04]
Output
C9
DQ[49]
I/O
E3
VDD
1.5V
D1
TRST_L
Input
E4
VSS
Ground
D10
VSS
Ground
F1
ID[1]
Input
D11
VDD
1.5V
F2
ID[2]
Input
D12
VDD
1.5V
F23
VSS
Ground
D13
VDD
1.5V
F24
VDD
1.5V
D14
VDD
1.5V
F25
SADR[06]
Output
D15
VDD
1.5V
F26
VDDQ
(2)
2.5/3.3V
D16
VDD
1.5V
F3
VDD
1.5V
D17
VSS
Ground
F4
VSS
Ground
D18
VSS
Ground
G1
ID[3]
Input
D19
VSS
Ground
G2
ID[4]
Input
D2
TDO
Output-T
G23
VSS
Ground
D20
VSS
Ground
G24
VDD
1.5V
D21
VSS
Ground
G25
SADR[08]
Output
D22
VSS
Ground
G26
SADR[07]
Output
D23
VSS
Ground
G3
VDD
1.5V
D24
VDD
1.5V
G4
VSS
Ground
D25
SADR[03]
Output
H1
LHI[0]
Input
D26
SADR[02]
Output
H2
LHI[1]
Input
D3
VDD
1.5V
H23
VSS
Ground
D4
VSS
Ground
H24
NC6
No Connect
D5
VSS
Ground
H25
VDDQ
(2)
2.5/3.3V
D6
VSS
Ground
H26
SADR[09]
Output
D7
VSS
Ground
H3
NC1
No Connect
D8
VSS
Ground
H4
VSS
Ground
D9
VSS
Ground
J1
LHI[2]
Input
E1
ID[0]
Input
J2
LHI[3]
Input
E2
VDDQ
(2)
2.5/3.3V
J23
VSS
Ground
E23
VSS
Ground
J24
SADR[11]
Output
J25
SADR[12]
Output
M2
BHI[0]
Input
Package Ball
Number
Signal Name
Signal Type
Package Ball
Number
Signal Name
Signal Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com