Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 156 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 156 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 151Page - STMicroelectronics M7040N Datasheet HTML 152Page - STMicroelectronics M7040N Datasheet HTML 153Page - STMicroelectronics M7040N Datasheet HTML 154Page - STMicroelectronics M7040N Datasheet HTML 155Page - STMicroelectronics M7040N Datasheet HTML 156Page - STMicroelectronics M7040N Datasheet HTML 157Page - STMicroelectronics M7040N Datasheet HTML 158Page - STMicroelectronics M7040N Datasheet HTML 159Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 156 / 159 page
background image
M7040N
156/159
J26
SADR[10]
Output
M23
VDD
1.5V
J3
VDDQ
(2)
2.5/3.3V
M24
VDD
1.5V
J4
VSS
Ground
M25
VDDQ
(2)
2.5/3.3V
K1
LHI[6]
Input
M26
SADR[17]
Output
K2
LHI[4]
Input
M3
VDD
1.5V
K23
VSS
Ground
M4
VDD
1.5V
K24
SADR[13]
Output
N1
BHI[1]
Input
K25
VDDQ
(2)
2.5/3.3V
N11
VSS
Ground
K26
SADR[14]
Output
N12
VSS
Ground
K3
LHI[5]
Input
N13
VSS
Ground
K4
VSS
Ground
N14
VSS
Ground
L1
LHO[0]
Output-T
N15
VSS
Ground
L11
VSS
Ground
N16
VSS
Ground
L12
VSS
Ground
N2
BHI[2]
Input
L13
VSS
Ground
N23
VDD
1.5V
L14
VSS
Ground
N24
VDD
1.5V
L15
VSS
Ground
N25
SADR[19]
Output
L16
VSS
Ground
N26
SADR[18]
Output
L2
LHO[1]
Output-T
N3
VDD
1.5V
L23
VDD
1.5V
N4
VDD
1.5V
L24
VDD
1.5V
P1
BHO[0]
Output-T
L25
SADR[15]
Output
P11
VSS
Ground
L26
SADR[16]
Output
P12
VSS
Ground
L3
VDD
1.5V
P13
VSS
Ground
L4
VDD
1.5V
P14
VSS
Ground
M1
VDDQ
(2)
2.5/3.3V
P15
VSS
Ground
M11
VSS
Ground
P16
VSS
Ground
M12
VSS
Ground
P2
MULTI_HIT
Output-T
M13
VSS
Ground
P23
VDD
1.5V
M14
VSS
Ground
P24
VDD
1.5V
M15
VSS
Ground
P25
SADR[21]
Output
M16
VSS
Ground
P26
SADR[20]
Output
P3
VDD
1.5V
U24
OE_L
Output-T
P4
VDD
1.5V
U25
PHS_L
Input
Package Ball
Number
Signal Name
Signal Type
Package Ball
Number
Signal Name
Signal Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com