Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 152 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 152 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 148Page - STMicroelectronics M7040N Datasheet HTML 149Page - STMicroelectronics M7040N Datasheet HTML 150Page - STMicroelectronics M7040N Datasheet HTML 151Page - STMicroelectronics M7040N Datasheet HTML 152Page - STMicroelectronics M7040N Datasheet HTML 153Page - STMicroelectronics M7040N Datasheet HTML 154Page - STMicroelectronics M7040N Datasheet HTML 155Page - STMicroelectronics M7040N Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 159 page
background image
M7040N
152/159
APPENDIX
APPENDIX A. DESCRIPTIONS FOR CONNECTION DIAGRAM (FIGURE 3, PAGE 9)
Table 57. Connections
Package Ball
Number
Signal Name
Signal Type
Package Ball
Number
Signal Name
Signal Type
A1
CLK_TUNE[3](1)
Note 1
AA26
CMD[2]
Input
A10
DQ[43]
I/O
AA3
VDD
1.5V
A11
DQ[41]
I/O
AA4
VSS
Ground
A12
DQ[37]
I/O
AB1
FULL
Output-T
A13
DQ[35]
I/O
AB2
ACK
Output-T
A14
DQ[31]
I/O
AB23
VSS
Ground
A15
VDDQ
(2)
2.5/3.3V
AB24
VDD
1.5V
A16
DQ[25]
I/O
AB25
CMD[5]
Input
A17
DQ[21]
I/O
AB26
CMD[4]
Input
A18
DQ[17]
I/O
AB3
VDD
1.5V
A19
VDDQ
(2)
2.5/3.3V
AB4
VSS
Ground
A2
DQ[71]
I/O
AC1
VSS
Ground
A20
DQ[09]
I/O
AC10
VSS
Ground
A21
DQ[05]
I/O
AC11
VDD
1.5V
A22
DQ[03]
I/O
AC12
VDD
1.5V
A23
TEST_FM
Ground
AC13
VDD
1.5V
A24
VDDQ
(2)
2.5/3.3V
AC14
VDD
1.5V
A25
HIGH_SPEED
Input
AC15
VDD
1.5V
A26
CLK_TUNE[0](1)
Note 1
AC16
VDD
1.5V
A3
VDDQ
(2)
2.5/3.3V
AC17
VSS
Ground
A4
DQ[67]
I/O
AC18
VSS
Ground
A5
DQ[63]
I/O
AC19
VSS
Ground
A6
VDDQ
(2)
2.5/3.3V
AC2
EOT
Output-T
A7
DQ[57]
I/O
AC20
VSS
Ground
A8
DQ[53]
I/O
AC21
VSS
Ground
A9
DQ[51]
I/O
AC22
VSS
Ground
AA1
FULO[1]
Output-T
AC23
VSS
Ground
AA2
VDDQ
(2)
2.5/3.3V
AC24
VDD
1.5V
AA23
VSS
Ground
AC25
CMD[6]
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com