Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 157 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 157 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 151Page - STMicroelectronics M7040N Datasheet HTML 152Page - STMicroelectronics M7040N Datasheet HTML 153Page - STMicroelectronics M7040N Datasheet HTML 154Page - STMicroelectronics M7040N Datasheet HTML 155Page - STMicroelectronics M7040N Datasheet HTML 156Page - STMicroelectronics M7040N Datasheet HTML 157Page - STMicroelectronics M7040N Datasheet HTML 158Page - STMicroelectronics M7040N Datasheet HTML 159Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 157 / 159 page
background image
157/159
M7040N
Note: 1. CLK_TUNE[3:0] should be programmed to 100%.
2. All VDDQ pins should be set to 2.5 or 3.3V.
R1
VDDQ
(2)
2.5/3.3V
U26
CLK1X/CLK2X
Input
R11
VSS
Ground
U3
FULI[1]
Input
R12
VSS
Ground
U4
VSS
Ground
R13
VSS
Ground
V1
FULI[2]
Input
R14
VSS
Ground
V2
FULI[3]
Input
R15
VSS
Ground
V23
VSS
Ground
R16
VSS
Ground
V24
CE_L
Output-T
R2
BHO[1]
Output-T
V25
VDDQ
(2)
2.5/3.3V
R23
VDD
1.5V
V26
WE_L
Output-T
R24
VDD
1.5V
V3
FULI[4]
Input
R25
SADR[22]
Output
V4
VSS
Ground
R26
VDDQ
(2)
2.5/3.3V
W1
VDDQ
(2)
2.5/3.3V
R3
VDD
1.5V
W2
FULI[5]
Input
R4
VDD
1.5V
W23
VSS
Ground
T1
BHO[2]
Output-T
W24
NC5
No Connect
T11
VSS
Ground
W25
CMDV
Input
T12
VSS
Ground
W26
ALE_L
Output-T
T13
VSS
Ground
W3
NC2
No Connect
T14
VSS
Ground
W4
VSS
Ground
T15
VSS
Ground
Y1
FULI[6]
Input
T16
VSS
Ground
Y2
FULO[0]
Output-T
T2
VSS
Ground
Y23
VSS
Ground
T23
VDD
1.5V
Y24
VDD
1.5V
T24
VDD
1.5V
Y25
CMD[1]
Input
T25
CLK_MODE
Input
Y26
CMD[0]
Input
T26
SADR[23]
Output
Y3
VDD
1.5V
T3
VDD
1.5V
Y4
VSS
Ground
T4
VDD
1.5V
U1
FULI[0]
Input
U2
VDDQ
(2)
2.5/3.3V
U23
VSS
Ground
Package Ball
Number
Signal Name
Signal Type
Package Ball
Number
Signal Name
Signal Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com