Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G08BMDBVREP Datasheet(PDF) 13 Page - Texas Instruments

Part # CLVC1G08BMDBVREP
Description  SN74LVC1G08B-EP Octal Buffers With 3-Stet Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLVC1G08BMDBVREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button CLVC1G08BMDBVREP Datasheet HTML 9Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 10Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 11Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 12Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 13Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 14Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 15Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 16Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
8.2.3 Application Curves
GPO
EN
VCC
V
O
Figure 8-2. Typical Application Timing Diagram
8.3 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating listed in the
Recommended Operating Conditions.
Verify that each VCC terminal has a good bypass capacitor to prevent power disturbance. For the
SN74LVC1G08B-EP, a 0.1μF bypass capacitor is recommended. To reject different frequencies of noise, use
multiple bypass capacitors in parallel. Capacitors with values of 0.1μF and 1μF are commonly used in parallel.
8.4 Layout
8.4.1 Layout Guidelines
• Bypass capacitor placement
– Place near the positive supply terminal of the device
– Provide an electrically short ground return path
– Use wide traces to minimize impedance
– Keep the device, capacitors, and traces on the same side of the board whenever possible
• Signal trace geometry
– 8mil to 12mil trace width
– Lengths less than 12cm to minimize transmission line effects
– Avoid 90° corners for signal traces
– Use an unbroken ground plane below signal traces
– Flood fill areas around signal traces with ground
– Parallel traces must be separated by at least 3x dielectric thickness
– For traces longer than 12cm
• Use impedance controlled traces
• Source-terminate using a series damping resistor near the output
• Avoid branches; buffer each signal that must branch separately
www.ti.com
SN74LVC1G08B-EP
SLVSLC4 – JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74LVC1G08B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com