Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G08BMDBVREP Datasheet(PDF) 12 Page - Texas Instruments

Part # CLVC1G08BMDBVREP
Description  SN74LVC1G08B-EP Octal Buffers With 3-Stet Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLVC1G08BMDBVREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button CLVC1G08BMDBVREP Datasheet HTML 8Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 9Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 10Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 11Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 12Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 13Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 14Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 15Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Total power consumption can be calculated using the information provided in the CMOS Power Consumption
and Cpd Calculation application note.
Thermal increase can be calculated using the information provided in the Thermal Characteristics of Standard
Linear and Logic (SLL) Packages and Devices application note.
CAUTION
The maximum junction temperature, TJ(max) listed in the Absolute Maximum Ratings, is an additional
limitation to prevent damage to the device. Do not violate any values listed in the Absolute Maximum
Ratings. These limits are provided to prevent damage to the device.
8.2.1.2 Input Considerations
Input signals must cross VIL(max) to be considered a logic LOW, and VIH(min) to be considered a logic HIGH. Do
not exceed the maximum input voltage range found in the Absolute Maximum Ratings.
Unused inputs must be terminated to either VCC or ground. The unused inputs can be directly terminated if the
input is completely unused, or the inputs can be connected with a pullup or pulldown resistor if the input is used
sometimes, but not always. A pullup resistor is used for a default state of HIGH, and a pulldown resistor is used
for a default state of LOW. The drive current of the controller, leakage current into the SN74LVC1G08B-EP (as
specified in the Electrical Characteristics), and the desired input transition rate limits the resistor size. A 10kΩ
resistor value is often used due to these factors.
The SN74LVC1G08B-EP has CMOS inputs and thus requires fast input transitions to operate correctly, as
defined in the Electrical Characteristics table. Slow input transitions can cause oscillations, additional power
consumption, and reduction in device reliability.
Refer to the Feature Description for additional information regarding the inputs for this device.
8.2.1.3 Output Considerations
The positive supply voltage is used to produce the output HIGH voltage. Drawing current from the output
decreases the output voltage as specified by the VOH specification in the Electrical Characteristics. The ground
voltage is used to produce the output LOW voltage. Sinking current into the output increases the output voltage
as specified by the VOL specification in the Electrical Characteristics.
Push-pull outputs that can be in opposite states, even for a very short time period, must never be connected
directly together. This can cause excessive current and damage to the device.
Two channels within the same device with the same input signals can be connected in parallel for additional
output drive strength.
Unused outputs can be left floating. Do not connect outputs directly to VCC or ground.
Refer to the Feature Description section for additional information regarding the outputs for this device.
8.2.2 Detailed Design Procedure
1. Recommended input conditions:
• For rise time and fall time specifications, see Δt/Δv in the Recommended Operating Conditions table.
• For specified high and low levels, see VIH and VIL in the Recommended Operating Conditions table.
• Inputs and outputs are overvoltage tolerant and can therefore go as high as 5.5V at any valid VCC.
2. Recommended output conditions:
• Load currents not exceeding ±50mA.
3. Frequency selection criterion:
• The effects of frequency upon the device's power consumption should be studied in the CMOS Power
Consumption and CPD Calculation application note.
• Added trace resistance and capacitance can reduce maximum frequency capability; follow the layout
practices listed in the Layout section.
SN74LVC1G08B-EP
SLVSLC4 – JUNE 2026
www.ti.com
12
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: SN74LVC1G08B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com