Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G08BMDBVREP Datasheet(PDF) 6 Page - Texas Instruments

Part # CLVC1G08BMDBVREP
Description  SN74LVC1G08B-EP Octal Buffers With 3-Stet Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLVC1G08BMDBVREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button CLVC1G08BMDBVREP Datasheet HTML 2Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 3Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 4Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 5Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 6Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 7Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 8Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 9Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
5.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
-55°C to 125°C
UNIT
MIN
TYP
MAX
CI
VI = VCC or GND
3.3V
3.5
pF
5.6 Switching Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted). See Parameter
Measurement Information
PARAMETER
FROM
(INPUT)
TO (OUTPUT)
LOAD CAPACITANCE
VCC
-55°C to 125°C
UNIT
MIN
TYP
MAX
tpd
A or B
Y
CL = 15pF
1.2V ± 0.1V
49.1
ns
tpd
A or B
Y
CL = 15pF
1.5V ± 0.12V
10.3
ns
tpd
A or B
Y
CL = 15pF
1.8V ± 0.15V
8
ns
tpd
A or B
Y
CL = 15pF
2.5V ± 0.2V
4.8
ns
tpd
A or B
Y
CL = 15pF
3.3V ± 0.3V
3.5
ns
tpd
A or B
Y
CL = 15pF
5.0V ± 0.5V
3
ns
tpd
A or B
Y
CL = 30pF
1.8V ± 0.15V
8.7
ns
tpd
A or B
Y
CL = 30pF
2.5V ± 0.2V
5.2
ns
tpd
A or B
Y
CL = 50pF
3.3V ± 0.3V
4.4
ns
tpd
A or B
Y
CL = 50pF
5.0V ± 0.5V
3.6
ns
Cpd
f = 10MHz
1.8V
18.3
pF
Cpd
f = 10MHz
2.5V
18.4
pF
Cpd
f = 10MHz
3.3V
18.1
pF
Cpd
f = 10MHz
5V
18.2
pF
5.7 Typical Characteristics
TA = 25°C (unless otherwise noted)
VIN (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
-50
0
50
100
150
200
250
300
350
400
450
1.8V
2.5V
Figure 5-1. Supply Current Across Input Voltage 1.8V and 2.5V
Supply
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-500
0
500
1000
1500
2000
2500
3000
3500
4000
4500
3.3V
5.5V
Figure 5-2. Supply Current Across Input Voltage 3.3V and 5.5V
Supply
SN74LVC1G08B-EP
SLVSLC4 – JUNE 2026
www.ti.com
6
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: SN74LVC1G08B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com