Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G08BMDBVREP Datasheet(PDF) 4 Page - Texas Instruments

Part # CLVC1G08BMDBVREP
Description  SN74LVC1G08B-EP Octal Buffers With 3-Stet Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLVC1G08BMDBVREP Datasheet(HTML) 4 Page - Texas Instruments

  CLVC1G08BMDBVREP Datasheet HTML 1Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 2Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 3Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 4Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 5Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 6Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 7Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 8Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage range
-0.5
6.5
V
VI
Input voltage range(2)
-0.5
6.5
V
VO
Output voltage range(2)
-0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0V
-50
mA
IOK
Output clamp current
VO < 0V
-50
mA
IO
Continuous output current
±50
mA
IO
Continuous output current through VCC or GND
±100
mA
TJ
Junction temperature
-65
150
°C
Tstg
Storage temperature
-65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
1.1
5.5
V
VI
Input voltage
0
5.5
V
VO
Output voltage
(High or low state)
0
VCC
V
VIH
High-level input voltage
VCC = 1.1V to 1.95V
0.65 × VCC
V
VCC = 2.3V to 2.7V
1.7
VCC = 3.0V to 3.6V
2
VCC = 4.5V to 5.5V
0.7 × VCC
VIL
Low-Level input voltage
VCC = 1.1V to 1.95V
0.35 × VCC
V
VCC = 2.3V to 2.7V
0.7
VCC = 3.0V to 3.6V
0.8
VCC = 4.5V to 5.5V
0.3 × VCC
IOH
High-level output current
VCC = 1.65V
-4
mA
VCC = 2.3V
-8
VCC = 3.0V
-16
-24
VCC = 4.5V
-32
SN74LVC1G08B-EP
SLVSLC4 – JUNE 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: SN74LVC1G08B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com