Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G08BMDBVREP Datasheet(PDF) 1 Page - Texas Instruments

Part # CLVC1G08BMDBVREP
Description  SN74LVC1G08B-EP Octal Buffers With 3-Stet Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLVC1G08BMDBVREP Datasheet(HTML) 1 Page - Texas Instruments

  CLVC1G08BMDBVREP Datasheet HTML 1Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 2Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 3Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 4Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 5Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 6Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 7Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 8Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SN74LVC1G08B-EP Octal Buffers With 3-Stet Outputs
1 Features
• Operating range from 1.1V to 5.5V
• 5.5V tolerant input pins
• Supports standard pinouts
• Latch-up performance exceeds 100mA
per JESD 78
• Supports defense and aerospace applications:
– Controlled baseline
– One assembly and test site
– One fabrication site
– Extended product life cycle
– Product traceability
2 Applications
• Combining power good signals
• Enable digital signals
3 Description
The SN74LVC1G08B-EP device is a single 2-input
positive-AND gate. This device performs the Boolean
function Y = A • B or Y = Ā + B̅ in positive logic.
Package Information
PART
NUMBER
PACKAGE(1)
PACKAGE
SIZE(2)
BODY SIZE(3)
SN74LVC1G
08B-EP
DBV (SOT-23,
5)
2.9mm × 2.8mm
2.9mm ×
1.6mm
(1)
For more information, see Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Logic Diagram
SN74LVC1G08B-EP
SLVSLC4 – JUNE 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CLVC1G08BMDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVC1G02MDCKREPG4 TI1-CLVC1G02MDCKREPG4 Datasheet
545Kb / 14P
SINGLE 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - CLVC1G08BMDBVREP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40244B PHILIPS-HEF40244B Datasheet
72Kb / 6P
Octal buffers with 3-state outputs
January 1995
logo
Texas Instruments
SN54LS465 TI-SN54LS465 Datasheet
180Kb / 9P
OCTAL BUFFERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244 TI-SN74AHCT244_03 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV540A TI-SN74LV540A_07 Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LS465 TI-SN54LS465_07 Datasheet
598Kb / 17P
OCTAL BUFFERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
HEF40244B_CNV PHILIPS-HEF40244B_CNV_15 Datasheet
77Kb / 6P
Octal buffers with 3-state outputs
January 1995
logo
Texas Instruments
SN54ALS465A TI1-SN54ALS465A_08 Datasheet
98Kb / 6P
OCTAL BUFFERS WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40244B NEXPERIA-HEF40244B Datasheet
199Kb / 14P
Octal buffers with 3-state outputs
Rev. 4 - 29 June 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com