Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G08BMDBVREP Datasheet(PDF) 5 Page - Texas Instruments

Part # CLVC1G08BMDBVREP
Description  SN74LVC1G08B-EP Octal Buffers With 3-Stet Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLVC1G08BMDBVREP Datasheet(HTML) 5 Page - Texas Instruments

  CLVC1G08BMDBVREP Datasheet HTML 1Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 2Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 3Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 4Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 5Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 6Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 7Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 8Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5.3 Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IOL
Low-level output current
VCC = 1.65V
4
mA
VCC = 2.3V
8
VCC = 3.0V
16
24
VCC = 4.5V
32
Δt/Δv
Input transition rise or fall rate
VCC = 1.2V to 5.0V
20
ns/V
VCC = 1.8V ± 0.15V
20
VCC = 2.5V ± 0.2V
20
VCC = 3.3V ± 0.3V
10
VCC = 5.0V ± 0.5V
5
TA
Operating free-air temperature
-55
125
°C
5.4 Thermal Information -
PACKAGE
PINS
THERMAL METRIC(1)
UNIT
RθJA
RθJC(top)
RθJB
ΨJT
ΨJB
RθJC(bot)
DBV (SOT-23, 5)
5
329.6
244.7
217.7
142.1
216.7
-
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
-55°C to 125°C
UNIT
MIN
TYP
MAX
VOH
IOH= –100μA
1.1V to 5.5V
VCC - 0.1
V
IOH= –4mA
1.65V
1.2
IOH= –8mA
2.3V
1.9
IOH= –12mA
2.7V
2.2
IOH= –16mA
3V
2.4
IOH= –24mA
3V
2.3
IOH= –32mA
4.5V
3.8
VOL
IOL= 100μA
1.1V to 5.5V
0.15
V
IOL= 4mA
1.65V
0.45
IOL= 8mA
2.3V
0.3
IOL= 12mA
2.7V
0.4
IOL= 16mA
3V
0.4
IOL= 24mA
3V
0.55
IOL= 32mA
4.5V
0.55
II
VI = VCC or GND
VCC = 0V to 5.5 V
±5
µA
IOFF
VI or VO = VCC
VCC = 0V
±10
µA
ICC
VI = VCC or GND, IO = 0
VCC = 1.1V to 5.5V
10
µA
ΔICC
One input at VCC - 0.6V, other inputs at
VCC or GND
3.0V to 5.5V
500
µA
www.ti.com
SN74LVC1G08B-EP
SLVSLC4 – JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74LVC1G08B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com