Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G08BMDBVREP Datasheet(PDF) 3 Page - Texas Instruments

Part # CLVC1G08BMDBVREP
Description  SN74LVC1G08B-EP Octal Buffers With 3-Stet Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLVC1G08BMDBVREP Datasheet(HTML) 3 Page - Texas Instruments

  CLVC1G08BMDBVREP Datasheet HTML 1Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 2Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 3Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 4Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 5Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 6Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 7Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 8Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
4 Pin Configuration and Functions
Figure 4-1. DBV Package 5-Pin SOT-23 Top View
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
A
1
I
Input A
B
2
I
Input B
GND
3
G
Ground
VCC
5
P
Power supply
Y
4
O
Output Y
(1)
I= input, O = output
www.ti.com
SN74LVC1G08B-EP
SLVSLC4 – JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74LVC1G08B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com