Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G08BMDBVREP Datasheet(PDF) 9 Page - Texas Instruments

Part # CLVC1G08BMDBVREP
Description  SN74LVC1G08B-EP Octal Buffers With 3-Stet Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLVC1G08BMDBVREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button CLVC1G08BMDBVREP Datasheet HTML 5Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 6Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 7Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 8Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 9Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 10Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 11Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 12Page - Texas Instruments CLVC1G08BMDBVREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
100 k
Unused
Channel
100 k
V
CC
V
CC
100 k
Unused
Channel
100 k
Ax
Bx
Ax
Bx
Figure 7-2. Proper Termination of Unused Transceiver Channels
7.3.3 Standard CMOS Inputs
This device includes standard CMOS inputs. Standard CMOS inputs are high impedance and are typically
modeled as a resistor in parallel with the input capacitance given in the Electrical Characteristics. The worst
case resistance is calculated with the maximum input voltage, given in the Absolute Maximum Ratings, and the
maximum input leakage current, given in the Electrical Characteristics, using Ohm's law (R = V ÷ I).
Standard CMOS inputs require that input signals transition between valid logic states quickly, as defined by the
input transition time or rate in the Recommended Operating Conditions table. Failing to meet this specification
results in excessive power consumption and can cause oscillations. See more details in Implications of Slow or
Floating CMOS Inputs.
Do not leave standard CMOS inputs floating at any time during operation. Terminate unused inputs at VCC or
GND. If a system does not always drive an input, consider adding a pull-up or pull-down resistor to provide a
valid input voltage. The resistor value depends on multiple factors; a 10kΩ resistor, however, is recommended
and typically meets all requirements.
7.3.4 Clamp Diode Structure
Figure 7-3 shows the inputs and outputs to this device have negative clamping diodes only.
CAUTION
Voltages beyond the values specified in the Absolute Maximum Ratings table can cause damage
to the device. The input and output voltage ratings may be exceeded if the input and output clamp-
current ratings are observed.
Figure 7-3. Electrical Placement of Clamping Diodes for Each Input and Output
7.4 Device Functional Modes
Function Table lists the functional modes for SN74LVC1G08B-EP.
www.ti.com
SN74LVC1G08B-EP
SLVSLC4 – JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN74LVC1G08B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com