Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  Renesas MCUs
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 62Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 63Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 64Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 65Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 66Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 67Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 68Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 69Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 162 page
background image
R01DS0173EJ0120 Rev.1.20
Page 66 of 162
Oct 20, 2022
RX64M Group
2. Electrical Characteristics
2.
Electrical Characteristics
2.1
Absolute Maximum Ratings
Caution: Permanent damage to the LSI may result if absolute maximum ratings are exceeded.
Note 1. P07, P11 to P17, P20, P21, P30 to P33, P67, and PC0 to PC3 are 5 V tolerant.
Note 2. Connect the AVCC0, AVCC1, and VCC_USB pins to VCC, and the AVSS0, AVSS1, and VSS_USB pins to VSS.
When the A/D converter unit 0 is not to be used, connect the VREFH0 pin to VCC and the VREFL0 pin to VSS, respectively. Do
not leave these pins open.
When the USBA is not to be used, connect the VCC_USBA and AVCC_USBA pins to VCC and the VSS1_USBA, VSS2_USBA,
PVSS_USBA, and AVSS_USBA pins to VSS, respectively. Do not leave these pins open.
Note 1. The power-supply voltage range of VBATT in which the RTC and subclock oscillator operate
Table 2.1
Absolute Maximum Rating
Conditions: VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V
Item
Symbol
Value
Unit
Power supply voltage
VCC, VCC_USB
–0.3 to +4.6
V
VBATT power supply voltage
VBATT
–0.3 to +4.6
V
Input voltage (except for ports for 5 V tolerant*1)Vin
–0.3 to VCC + 0.3
V
Input voltage (ports for 5 V tolerant*1)Vin
–0.3 to VCC + 4.6 (
≤ 5.8 max.)
V
Reference power supply voltage
VREFH0
–0.3 to AVCC0 + 0.3
V
Analog power supply voltage
AVCC0, AVCC1*2
–0.3 to +4.6
V
USBA power supply voltage
VCC_USBA*2
–0.3 to +4.6
V
USBA analog power supply voltage
AVCC_USBA*2
–0.3 to +4.6
V
Analog input voltage
VAN
–0.3 to AVCC + 0.3
V
Junction temperature
D version
Tj
–40 to +105
°C
G version
–40 to +125
Storage temperature
Tstg
–55 to +125
°C
Table 2.2
Recommended Operating Conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
VCC
2.7
—
3.6
V
VSS
—
0
—
V
Power supply voltage (only the RTC and
subclock oscillator)*1
VCC
2.0
—
3.6
V
VBATT power supply voltage
VBATT
2.0
—
3.6
V
Reference power voltage
VREFH0
2.7
—
AVCC0
V
VREFL0
—
0
—
V
Analog power supply voltage
AVCC0, AVCC1
—
VCC
—
V
AVSS0, AVSS1
—
0
—
V
USB power supply voltage
VCC_USB
—
VCC
—
V
VSS_USB
—
0
—
V
USBA power supply voltage
VCC_USBA
3.0
—
3.6
V
VSS1_USBA, VSS2_USBA
—
0
—
V
USBA analog power supply voltage
AVCC_USBA
3.0
—
3.6
V
AVSS_USBA, PVSS_USBA
—
0
—
V
Operating temperature
D version
Topr
–40
—
85
°C
G version
Topr
–40
—
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com