Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  Renesas MCUs
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 65Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 66Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 67Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 68Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 69Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 70Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 71Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 72Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 162 page
background image
R01DS0173EJ0120 Rev.1.20
Page 69 of 162
Oct 20, 2022
RX64M Group
2. Electrical Characteristics
Table 2.5
DC Characteristics (3)
Conditions: VCC = AVCC0 = AVCC1 = VREFH0 = VCC_USB = 2.7 to 3.6 V, 2.7
≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
Ta = Topr
Item
Symbol
D-version
G-version
Unit
Test Conditions
Typ.
Max.
Typ.
Max.
Supply
current*1
Max.*2
ICC*3
—
110
—
120
mA
ICLK = 120 MHz
PCLKA = 120 MHz
PCLKB = 60 MHz
PCLKC = 60 MHz
PCLKD = 60 MHz
FCLK = 60 MHz
BCLK = 120 MHz
BCLK pin = 60 MHz
Normal
Peripheral function clock
signal supplied*4
39
—
39
—
Peripheral function clock
signal stopped*4
16
—
16
—
CoreMark
Peripheral function clock
signal stopped*4
21
—
21
—
Sleep mode: The clock signal to peripheral
modules is supplied*4
32
61
32
70
All-module-clock-stop mode (reference
value)
10
28
10
40
Increased
by BGO
operation
*5
Reading from the code flash
memory while the data flash
memory is being programmed
7—
7—
Reading from the code flash
memory while the code flash
memory is being programmed
10
—
10
—
Low-speed operating mode 1: Supply of the
clock signal to peripheral modules is stopped*4
3.0
—
3.0
—
All clocks 1 MHz
Low-speed operating mode 2: Supply of the
clock signal to peripheral modules is stopped*4
1.2
—
1.2
—
All clocks 32.768 kHz
Software standby mode
0.7
10
0.7
19
Power supplied to standby RAM and USB
resume detecting unit (USBb only)
22
63
22
95
µA
Power not supplied
to standby RAM
and USB resume
detecting unit
(USBb only)
Power-on reset
circuit and low-
power consumption
function disabled*6
12.5
26
12.5
36.4
Power-on reset
circuit and low-
power consumption
function enabled*7
3.1
13.5
3.1
20.0
Increased by RTC
operation
When a crystal
resonator for low
clock loads is in use
0.6
—
0.6
—
When a crystal
resonator for
standard clock loads
is in use
2.0
—
2.0
—
RTC operating while
VCC is off (with the
battery backup function,
only the RTC and sub-
clock oscillator operate)
RCR3.RTCDV[2:0]
set to drive capacity
for standard CL
0.9
—
0.9
—
VBATT = 2.0 V,
VCC = 0 V
1.6
—
1.6
—
VBATT = 3.3 V,
VCC = 0 V
RCR3.RTCDV[2:0]
set to drive capacity
for low CL
1.7
—
1.7
—
VBATT = 2.0 V,
VCC = 0 V
3.3
—
3.3
—
VBATT = 3.3 V,
VCC = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com