Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  Renesas MCUs
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 66Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 67Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 68Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 69Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 70Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 71Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 72Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 73Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 162 page
background image
R01DS0173EJ0120 Rev.1.20
Page 70 of 162
Oct 20, 2022
RX64M Group
2. Electrical Characteristics
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Supply of the clock signal to peripheral modules is stopped in this state. This does not include operations as BGO (background
operations).
Note 3.
ICC depends on f (ICLK) as follows. (ICLK/PCLKA:PCLKB/PCLKC/PCLKD:BCLK:BCLK pin = 10:5:10:5 when EXTAL = 12 MHz)
 D-version
ICC Max. = 0.77 × f + 18 (max. operation in high-speed operating mode)
ICC Typ. = 0.08 × f + 6 (normal operation in high-speed operating mode)
ICC Typ. = 0.50 × f + 2.6 (low-speed operating mode 1)
ICC Max. = 0.36 × f + 18 (sleep mode)
 G-version
ICC Max. = 0.77 × f + 27 (max. operation in high-speed operating mode)
ICC Typ. = 0.08 × f + 6 (normal operation in high-speed operating mode)
ICC Typ. = 0.50 × f + 2.6 (low-speed operating mode 1)
ICC Max. = 0.36 × f + 27 (sleep mode)
Note 4. This does not include operations as BGO (background operations). Whether supply of the clock signal to peripheral modules
continues or is stopped only depends on the state determined by the settings of the bits in module stop control registers A to D.
The setting for the peripheral module clock stopped state is FCLK = BCLK = PCLKA = PCLKB = PCLKC = PCLKD = BCLK pin
= 3.75 MHz (division by 64).
Note 5. This is the increase for programming or erasure of the code flash memory (limitations apply to the combinations of ranges in
which writing proceed) or data flash memory during program execution in the code flash memory.
Note 6. The low power consumption function is disabled and DEEPCUT[1:0] = 01b.
Note 7. The low power consumption function is enabled and DEEPCUT[1:0] = 11b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com