Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  Renesas MCUs
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 67Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 68Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 69Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 70Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 71Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 72Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 73Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 74Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 162 page
background image
R01DS0173EJ0120 Rev.1.20
Page 71 of 162
Oct 20, 2022
RX64M Group
2. Electrical Characteristics
Note 1. The reference power supply current is included in the power supply current value for 12-bit A/D converter (unit 1) and D/A
converter.
Note 2. This applies when VBATT is used.
Table 2.6
DC Characteristics (4)
Conditions: VCC = AVCC0 = AVCC1 = VREFH0 = VCC_USB = 2.7 to 3.6 V, 2.7
≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
Ta = Topr
Item
Symbol
D-version
G-version
Unit
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Analog
power
supply
current*1
During 12-bit A/D conversion
(unit 0)
AICC
—
0.7
1.0
—
0.7
1.0
mA
IAVCC0_AD
During 12-bit A/D conversion
(unit 0) with the channel-
dedicated sample-and-hold
circuits for 3 channels
operating
—
1.7
2.5
—
1.7
2.5
mA
IAVCC0_AD+SH
During 12-bit A/D conversion
(unit 1)
—
0.6
1.0
—
0.6
1.0
mA
IAVCC1_AD
During 12-bit A/D conversion
(unit 1) with the temperature
sensor operating
—
0.7
1.1
—
0.7
1.1
mA
IAVCC1_AD+TEMP
During D/A
conversion
(per unit)
Without
AMP output
—
0.24
0.4
—
0.24
0.4
mA
IAVCC1_DA
With AMP
output
—
0.40
0.7
—
0.40
0.7
mA
Waiting for A/D, D/A, or
temperature sensor
conversion (all units)
—
0.9
1.4
—
0.9
1.4
mA
IAVCC0 + IAVCC1
A/D, D/A converter,
temperature sensor in
standby mode (all units)
—
1.3
3.0
—
1.3
4.5
µA
IAVCC0 + IAVCC1
Reference
power
supply
current
During 12-bit A/D conversion
(unit 0)
AIREFH
—
70
120
—
70
120
µA
IVREFH0
Waiting for 12-bit A/D
conversion (unit 0)
—
0.07
0.4
—
0.07
0.5
µA
IVREFH0
12-bit A/D converter in
standby mode (unit 0)
—
0.07
0.2
—
0.07
0.4
µA
IVREFH0
USB
operating
current
Low speed
USB
ICCUSBLS
—
3.5
6.5
—
3.5
6.5
mA
VCC_USB
USBA
—
8.5
12.0
—
8.5
12.0
mA
VCC_USBA =
AVCC_USBA
(PHYSET.HSEB = 0)
USBA
—
2.8
3.6
—
2.8
3.6
mA
VCC_USBA =
AVCC_USBA
(PHYSET.HSEB = 1)
Full speed
USB
ICCUSBFS
—
4.0
10.0
—
4.0
10.0
mA
VCC_USB
USBA
—
12.0
20.0
—
12.0
20.0
mA
VCC_USBA =
AVCC_USBA
(PHYSET.HSEB = 0)
USBA
—
6.5
13.0
—
6.5
13.0
mA
VCC_USBA =
AVCC_USBA
(PHYSET.HSEB = 1)
Standby
mode (direct
power down)
USBA
ICCUSBSBY
—
0.1
3.0
—
0.1
3.0
µA
VCC_USBA =
AVCC_USBA
RAM standby voltage
VRAM
2.7
—
—
2.7
—
—
V
VCC rising gradient
SrVCC
8.4
—
20000
8.4
—
20000
µs/V
VCC falling gradient*2
SfVCC
8.4
—
—
8.4
—
—
µs/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com