Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  Renesas MCUs
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 154Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 155Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 156Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 157Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 158Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 159Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 160Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 161Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 162Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 160 / 162 page
background image
R01DS0173EJ0120 Rev.1.20
Page 160 of 162
Oct 20, 2022
RX64M Group
REVISION HISTORY
1.10
Oct 24, 2016
108
Table 4.1 List of I/O Registers (Address Order) (37 / 67)
0008 C296h, added
110
Table 4.1 List of I/O Registers (Address Order) (39 / 67), changed
TN-RX*-A152A/E
111
Table 4.1 List of I/O Registers (Address Order) (40 / 67), changed
112
Table 4.1 List of I/O Registers (Address Order) (41 / 67), changed
119
Table 4.1 List of I/O Registers (Address Order) (48 / 67)
000C 0438h, 000C 046Ch, deleted
132, 133
Table 4.1 List of I/O Registers (Address Order) (61 / 67), (62 / 67), changed
138
Table 4.1 List of I/O Registers (Address Order), Note 6 added
TN-RX*-A152A/E
5. Electrical Characteristics
139
Table 5.1 Absolute Maximum Rating, changed
TN-RX*-A160A/E
140
Table 5.2 DC Characteristics (1), changed
TN-RX*-A159A/E
TN-RX*-A160A/E
141
Table 5.3 DC Characteristics (2), changed
TN-RX*-A159A/E
183
Figure 5.48 RSPI Timing (Master, CPHA = 0) (Bit Rate: PCLKB Division
Ratio Set to 1/2), changed
206
Table 5.49 Temperature Sensor Characteristics, changed
TN-RX*-A159A/E
212
Figure 5.84 Battery Backup Function Characteristics, changed
213
Table 5.53 Code Flash Memory Characteristics, changed
TN-RX*-A146A/E
214
Table 5.54 Data Flash Memory Characteristics, changed
1.20
Oct 20, 2022
All
G-version products added
TN-RX*-A142A/E
Features
1
Operating temp. rangeh, changed
1. Overview
3
Table 1.1 Outline of Specifications (2/9), changed
10
Table 1.1 Outline of Specifications (9/9), changed
16
Table 1.3 List of Products (4/4), changed
17
Figure 1.1 How to Read the Product Part Number, changed
24
Table 1.4 Pin Functions (6/8), changed
2. Electrical Characteristics
66
Table 2.1 Absolute Maximum Rating, changed
66
Table 2.2 Recommended Operating Conditions, added
68
Table 2.4 DC Characteristics (2), changed
69, 70
Table 2.5 DC Characteristics (3), changed
71
Table 2.6 DC Characteristics (4), changed
72
Table 2.7 Thermal Resistances (Reference), added
78
Table 2.16 LOCO and IWDT-Dedicated Low-Speed Clock Timing, changed
146
Table 2.55 Battery Backup Function Characteristics, changed
147
Table 2.56 Code Flash Memory Characteristics, changed
149
Figure 2.96 Flash Memory Programming/Erasure Suspension Timing,
changed
Rev.
Date
Description
Classification
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com