Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/G2UL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RZ/G2UL
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL Datasheet(HTML) 5 Page - Renesas Technology Corp

  RZ/G2UL Datasheet HTML 1Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 2Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 3Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 4Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 5Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 6Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 7Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 8Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
RZ/G2UL Group
1. Overview
R01DS0486EJ0110 Rev.1.10
Page 5 of 67
Jun 16, 2025
1.1.6
Camera Interfaces
Item
Description
MIPI CSI-2 Interface
[RZ/G2UL (Type-1) RZ/G2UL (Type-2)]
● 1 channel
● The number of Lane: 1-/2-/4-lane
● Support 5MP, 30 fps (RAW12)
● Maximum Bandwidth: 1.5 Gbps per lane
● Select 1 VC from 4 VC (virtual channel) supported
● Support Input Image Data Formats:
– YUV420 8-bit / 10-bit
– Legacy YUV420 8-bit
– YUV420 8-bit / 10-bit (Chroma Shifted Pixel Sampling)
– YUV422 8-bit / 10-bit
– RGB444 / RGB555 / RGB565/ RGB666 / RGB888
– RAW6 / RAW7 / RAW8 / RAW10 / RAW12 / RAW14 / RAW16 / RAW20
● Generic short packet data type 1 / 2 / 3 / 4 / 5 / 6 / 7 / 8
● Generic long packet data type 1 / 2 / 3 / 4
● User Defined 8-bit data type 1 / 2 / 3 / 4 / 5 / 6 / 7 / 8
MIPI CSI-2 to AXI Bridge Module [RZ/G2UL (Type-1) RZ/G2UL (Type-2)]
● 1 channel (MIPI CSI-2 Input)
● Support Image Processing:
– Clipping
– Frame Sampling
– LUT
– Color format conversion
– Color space conversion
– Demosaicing
– Linear Matirix
– Statistics
● Support Color Formats for Image Processing:
– YUV422 8-/10-bit
– RGB565 / RGB666 / RGB888
– RAW8 / 10 / 12 / 14 / 16 (Clipping and Frame Sampling only)
● Support Output Data Formats:
– YCbCr422 8-bit (Interleave/Semi planar, Progressive)
– YCbCr420 8-bit (Interleave, Interlace)
– Y-Only
– RGB888 / ARGB8888
– RAW8 / 10 / 12 / 14 / 16 (without Image Processing)
– MIPI CSI-2 V2.1 Recommended Memory storage data (without Image Processing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com